Electronic Components Datasheet Search
  English  ▼

X  

PE6022 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6022
Description  Shorting N Male Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6022 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6022 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6022 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting N Male Dust Cap
Shorting N Male Dust Cap
Configuration
Connector
N Male Shorting
Chain Option
No Chain
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.748 [19]
Width, in [mm]
0.827 [21]
.
Connector
Type
N Male Shorting
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/50-ohm-n-male-short-cap-pe6022-p.aspx
Shorting N Male Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF,
microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
PE6022
PE6022 REV


Similar Part No. - PE6022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SSMA Male
logo
SHENZHEN DOINGTER SEMIC...
PE6020K DOINGTER-PE6020K Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Pasternack Enterprises,...
PE6021 PASTERNACK-PE6021 Datasheet
212Kb / 2P
Non-Shorting Dust Cap for TNC Female With 3 Inch Chain
PE6023 PASTERNACK-PE6023 Datasheet
241Kb / 2P
Non-Shorting Dust Cap for TNC Male With 2.7 Inch Chain
logo
Beijing Yaohuadechang E...
PE6023K-M YHDC-PE6023K-M Datasheet
792Kb / 1P
K series isolation transformer
More results

Similar Description - PE6022

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6006 PASTERNACK-PE6006 Datasheet
237Kb / 2P
Shorting SMA Male Dust Cap
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
Shorting BNC Male Dust Cap
PE6015 PASTERNACK-PE6015 Datasheet
77Kb / 1P
Shorting N Male Dust Cap
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
Non-Shorting Dust Cap for N Male
PE6192 PASTERNACK-PE6192 Datasheet
192Kb / 2P
2.4mm Male Shorting Dust Cap
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
F Male Non-Shorting Dust Cap
PE6109 PASTERNACK-PE6109_16 Datasheet
413Kb / 3P
C Male Non-Shorting Dust Cap
PE6133 PASTERNACK-PE6133_16 Datasheet
414Kb / 3P
TNC Male Shorting Dust Cap
PE6144 PASTERNACK-PE6144_16 Datasheet
415Kb / 3P
TNC Male Non-Shorting Dust Cap
PE6192 PASTERNACK-PE6192_16 Datasheet
412Kb / 3P
2.4mm Male Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com