Electronic Components Datasheet Search
  English  ▼

X  

PE6057 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6057
Description  Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6057 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6057 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6057 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap
Configuration
Connector
7/16 DIN Male Non-Shorting
Chain Option
With 3.5 In. Chain
Mechanical Specifications
Size
Length, in [mm]
0.83 [21.08]
Width, in [mm]
1.25 [32]
.
Connector
Type
7/16 DIN Male Non-Shorting
Hex Size, in.
1 1/4
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/50-ohm-7-16-male-non-shorting-cap-with-3.5-inch-chain-pe6057-p.aspx
Non-Shorting 7/16 DIN Male With 3.5 Inch Chain Dust Cap from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
PE6057
PE6057 REV


Similar Part No. - PE6057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6057 PASTERNACK-PE6057 Datasheet
416Kb / 3P
7/16 DIN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6057 PASTERNACK-PE6057_16 Datasheet
416Kb / 3P
7/16 DIN Male Non-Shorting Dust Cap With 4 Inch Chain
More results

Similar Description - PE6057

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6110 PASTERNACK-PE6110 Datasheet
237Kb / 2P
Non-Shorting Dust Cap for C Female With 3.5 Inch Chain
PE6194 PASTERNACK-PE6194 Datasheet
195Kb / 2P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6057 PASTERNACK-PE6057_16 Datasheet
416Kb / 3P
7/16 DIN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6058 PASTERNACK-PE6058_16 Datasheet
345Kb / 3P
7/16 DIN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6059 PASTERNACK-PE6059_16 Datasheet
417Kb / 3P
HN Male Non-Shorting Dust Cap With 4 Inch Chain
PE6110 PASTERNACK-PE6110_16 Datasheet
416Kb / 3P
C Female Non-Shorting Dust Cap With 3.5 Inch Chain
PE6117 PASTERNACK-PE6117_16 Datasheet
418Kb / 3P
SC Male Non-Shorting Dust Cap With 4 Inch Chain
PE6194 PASTERNACK-PE6194_16 Datasheet
418Kb / 3P
2.4mm Male Shorting Dust Cap With 3.5 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com