Electronic Components Datasheet Search
  English  ▼

X  

PE6130 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6130
Description  Shorting N Female With 4 Inch Chain Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6130 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6130 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6130 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting N Female With 4 Inch Chain Dust Cap
Shorting N Female With 4 Inch Chain Dust Cap
Configuration
Connector
N Female Shorting
Chain Option
4 In. Chain
Mechanical Specifications
Size
Length, in [mm]
0.69 [17.53]
Width, in [mm]
0.635 [16]
.
Connector
Type
N Female Shorting
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/50-ohm-n-female-short-cap-with-4-inch-chain-pe6130-p.aspx
Shorting N Female With 4 Inch Chain Dust Cap from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
PE6130
PE6130 REV


Similar Part No. - PE6130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6130 PASTERNACK-PE6130 Datasheet
418Kb / 3P
N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
logo
Peregrine Semiconductor
PE613010 PSEMI-PE613010 Datasheet
290Kb / 8P
UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613010MLAA-Z PSEMI-PE613010MLAA-Z Datasheet
290Kb / 8P
UltraCMOS SPST Tuning Control Switch, 100-3000 MHz
PE613050 PSEMI-PE613050 Datasheet
319Kb / 8P
UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
PE613050A-Z PSEMI-PE613050A-Z Datasheet
319Kb / 8P
UltraCMOS SP4T Tuning Control Switch, 100-3000 MHz
More results

Similar Description - PE6130

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6128 PASTERNACK-PE6128 Datasheet
210Kb / 2P
Shorting Dust Cap for BNC Female With 4 Inch Chain
PE6195 PASTERNACK-PE6195 Datasheet
193Kb / 2P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
PE6114 PASTERNACK-PE6114_16 Datasheet
419Kb / 3P
HN Female Non-Shorting Dust Cap With 4 Inch Chain
PE6118 PASTERNACK-PE6118_16 Datasheet
417Kb / 3P
SC Female Non-Shorting Dust Cap With 4 Inch Chain
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
PE6129 PASTERNACK-PE6129_16 Datasheet
417Kb / 3P
N Male Shorting Dust Cap With 4 Inch Chain
PE6130 PASTERNACK-PE6130_16 Datasheet
418Kb / 3P
N Female Shorting Dust Cap IP60 Rated With 4 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6195 PASTERNACK-PE6195_16 Datasheet
416Kb / 3P
2.4mm Female Shorting Dust Cap With 3.5 Inch Chain
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com