Electronic Components Datasheet Search
  English  ▼

X  

PE6135 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6135
Description  Shorting TNC Female Dust Cap
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6135 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6135 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6135 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Shorting TNC Female Dust Cap
Shorting TNC Female Dust Cap
Configuration
Connector
TNC Female Shorting
Chain Option
With No Chain
Mechanical Specifications
Size
Length, in [mm]
0.565 [14.35]
Width, in [mm]
0.5 [13]
.
Connector
Type
TNC Female Shorting
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/50-ohm-tnc-female-short-cap-pe6135-p.aspx
Shorting TNC Female Dust Cap from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the industry.
PE6135
PE6135 REV


Similar Part No. - PE6135

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6135 PASTERNACK-PE6135 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
More results

Similar Description - PE6135

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
PE6143 PASTERNACK-PE6143 Datasheet
232Kb / 2P
Non-Shorting Dust Cap for TNC Female
PE6144 PASTERNACK-PE6144 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for TNC Male
PE6193 PASTERNACK-PE6193 Datasheet
197Kb / 2P
2.4mm Female Shorting Dust Cap
PE6133 PASTERNACK-PE6133_16 Datasheet
414Kb / 3P
TNC Male Shorting Dust Cap
PE6135 PASTERNACK-PE6135_16 Datasheet
413Kb / 3P
TNC Female Shorting Dust Cap
PE6136 PASTERNACK-PE6136_16 Datasheet
416Kb / 3P
TNC Female Shorting Dust Cap With 4 Inch Chain
PE6143 PASTERNACK-PE6143_16 Datasheet
403Kb / 3P
TNC Female Non-Shorting Dust Cap
PE6144 PASTERNACK-PE6144_16 Datasheet
415Kb / 3P
TNC Male Non-Shorting Dust Cap
PE6193 PASTERNACK-PE6193_16 Datasheet
412Kb / 3P
2.4mm Female Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com