Electronic Components Datasheet Search
  English  ▼

X  

PE7100 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7100
Description  BNC FEMALE A/B COAXIAL SWITH FREQUENCY RANGE DC TO 1,000MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7100 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7100 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE7100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7100 PASTERNACK-PE7100 Datasheet
343Kb / 3P
A/B Coaxial Electromechanical Relay Switch
PE7100 PASTERNACK-PE7100_16 Datasheet
343Kb / 3P
A/B Coaxial Electromechanical Relay Switch
More results

Similar Description - PE7100

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6008-75 PASTERNACK-PE6008-75 Datasheet
77Kb / 1P
BNC MALE TO BNC FEMALE,FEEDTHRU TERMINATION FREQUENCY RANGE: DC1 GHz
PE6041 PASTERNACK-PE6041 Datasheet
294Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 2 GHz
PE6101 PASTERNACK-PE6101 Datasheet
84Kb / 1P
BNC FEMALE HIGH POWER TERMINATION FREQUENCY RANGE: DC TO 4GHz
PE7101 PASTERNACK-PE7101 Datasheet
115Kb / 1P
75 OHM BNC FEMALE A/B COAXIAL SWITCH FREQUENCY RANGE DC TO 1,000 MHz
PE7115 PASTERNACK-PE7115 Datasheet
242Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SPDT
PE7122 PASTERNACK-PE7122 Datasheet
248Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4GHz TO 8GHz SWITCH TYPE:SP3T
PE7125 PASTERNACK-PE7125 Datasheet
129Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
PE7128 PASTERNACK-PE7128 Datasheet
320Kb / 1P
SMA FEMALE,COAXIAL SWITH FREQUENCY RANGE:2 GHz TO 4GHz SWITCH TYPE:SP4T
PE9675 PASTERNACK-PE9675 Datasheet
86Kb / 1P
1.85mm FEMALE TO 2.4mm FEMALE PRECISION ADAPTER, FREQUENCY RANGE; DC TO 50GHz
PE9721 PASTERNACK-PE9721 Datasheet
84Kb / 1P
1.85mm FEMALE TO N FEMALE FREQUENCY RANGE; DC TO 18 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com