Electronic Components Datasheet Search
  English  ▼

X  

STM32F102X8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F102X8
Description  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102X8 Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F102X8 Datasheet HTML 1Page - STMicroelectronics STM32F102X8 Datasheet HTML 2Page - STMicroelectronics STM32F102X8 Datasheet HTML 3Page - STMicroelectronics STM32F102X8 Datasheet HTML 4Page - STMicroelectronics STM32F102X8 Datasheet HTML 5Page - STMicroelectronics STM32F102X8 Datasheet HTML 6Page - STMicroelectronics STM32F102X8 Datasheet HTML 7Page - STMicroelectronics STM32F102X8 Datasheet HTML 8Page - STMicroelectronics STM32F102X8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
This is information on a product in full production.
September 2012
Doc ID 15056 Rev 4
1/76
1
STM32F102x8
STM32F102xB
Medium-density USB access line,ARM-based 32b MCU with
64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
Datasheet
− production data
Features
■ Core: ARM 32-bit Cortex™-M3 CPU
– 48 MHz maximum frequency,
1.25 DMIPS/MHz (Dhrystone 2.1)
performance at 0 WS memory access
– Single-cycle multiplication and hardware
division
■ Memories
– 64 or 128 Kbytes of Flash memory
– 10 or 16 Kbytes of SRAM
■ Clock, reset and supply management
– 2.0 to 3.6 V application supply and I/Os
– POR, PDR and programmable voltage
detector (PVD)
– 4-to-16 MHz crystal oscillator
– Internal 8 MHz factory-trimmed RC
– Internal 40 kHz RC
– PLL for CPU clock
– 32 kHz oscillator for RTC with calibration
■ Low power
– Sleep, Stop and Standby modes
–VBAT supply for RTC and backup registers
■ Debug mode
– Serial wire debug (SWD) and JTAG
interfaces
■ DMA
– 7-channel DMA controller
– Peripherals supported: timers, ADC, SPIs,
I2Cs and USARTs
■ 1 × 12-bit, 1.2 µs A/D converter (up to 16
channels)
– Conversion range: 0 to 3.6 V
– Temperature sensor
■ Up to 51 fast I/O ports
– 37/51 I/Os all mappable on 16 external
interrupt vectors and almost all 5 V-tolerant
■ Up to 6 timers
– Three 16-bit timers, each with up to 4
IC/OC/PWM or pulse counter
– 2 watchdog timers (Independent and
Window)
– SysTick timer: 24-bit downcounter
■ Up to 8 communication interfaces
– Up to 2 x I2C interfaces (SMBus/PMBus)
– Up to 3 USARTs (ISO 7816 interface, LIN,
IrDA capability, modem control)
– Up to 2 SPIs (12 Mbit/s)
– One USB 2.0 full speed interface
■ CRC calculation unit, 96-bit unique ID
■ ECOPACK® packages
Table 1.
Device summary
Reference
Part number
STM32F102x8
STM32F102C8, STM32F102R8
STM32F102xB
STM32F102CB, STM32F102RB
LQFP48
7 × 7 mm
LQFP64
10 × 10 mm
www.st.com


Similar Part No. - STM32F102X8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F102x8 STMICROELECTRONICS-STM32F102x8 Datasheet
1Mb / 76P
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
27-Sep-2012
STM32F102X8 STMICROELECTRONICS-STM32F102X8 Datasheet
1Mb / 80P
Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
02-Aug-2013
STM32F102X8 STMICROELECTRONICS-STM32F102X8 Datasheet
1Mb / 80P
Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
02-Aug-2013
More results

Similar Description - STM32F102X8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F101X8 STMICROELECTRONICS-STM32F101X8_09 Datasheet
999Kb / 81P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
22-Sep-2009
STM32F102X4 STMICROELECTRONICS-STM32F102X4 Datasheet
872Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
STM32F102R8T6 STMICROELECTRONICS-STM32F102R8T6 Datasheet
1Mb / 76P
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
27-Sep-2012
STM32F101X8 STMICROELECTRONICS-STM32F101X8_13 Datasheet
1Mb / 89P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
15-May-2013
STM32F102RBT6 STMICROELECTRONICS-STM32F102RBT6 Datasheet
1Mb / 76P
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
27-Sep-2012
STM32F101RBT6 STMICROELECTRONICS-STM32F101RBT6 Datasheet
1Mb / 89P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
15-May-2013
STM32F102C6T6A STMICROELECTRONICS-STM32F102C6T6A Datasheet
855Kb / 69P
Low-density USB access line, ARM-based 32-bit MCU with 16/32 KB Flash, USB FS interface, 5 timers, ADC & 5 communication interfaces
24-Sep-2009
STM32F101RBH6 STMICROELECTRONICS-STM32F101RBH6 Datasheet
1Mb / 90P
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
05-Aug-2013
STM32F102C8T6 STMICROELECTRONICS-STM32F102C8T6 Datasheet
1Mb / 80P
Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
02-Aug-2013
STM32F102CBT6 STMICROELECTRONICS-STM32F102CBT6 Datasheet
1Mb / 80P
Medium-density USB access line, ARM-based 32b MCU with 64/128KB Flash, USB FS, 6 timers, ADC & 8 com. interfaces
02-Aug-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com