Electronic Components Datasheet Search
  English  ▼

X  

STD44N4LF6 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD44N4LF6
Description  N-channel 40 V, 8.9 mΩ, 44 A DPAK STripFET™VI DeepGATE??Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD44N4LF6 Datasheet(HTML) 3 Page - STMicroelectronics

  STD44N4LF6 Datasheet HTML 1Page - STMicroelectronics STD44N4LF6 Datasheet HTML 2Page - STMicroelectronics STD44N4LF6 Datasheet HTML 3Page - STMicroelectronics STD44N4LF6 Datasheet HTML 4Page - STMicroelectronics STD44N4LF6 Datasheet HTML 5Page - STMicroelectronics STD44N4LF6 Datasheet HTML 6Page - STMicroelectronics STD44N4LF6 Datasheet HTML 7Page - STMicroelectronics STD44N4LF6 Datasheet HTML 8Page - STMicroelectronics STD44N4LF6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD44N4LF6
Electrical ratings
Doc ID 17171 Rev 4
3/15
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
40
V
VGS
Gate-source voltage
± 20
V
ID
Drain current (continuous) at TC = 25 °C
44
A
ID
Drain current (continuous) at TC = 100 °C
31
A
IDM
(1)
1.
Pulse is rated according SOA
Drain current (pulsed)
176
A
PTOT
Total dissipation at TC = 25 °C
50
W
Derating factor
0.33
W/°C
Tstg
Storage temperature
- 55 to 175
°C
Tj
Operating junction temperature
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
3
°C/W
Rthj-pcb
Thermal resistance junction-pcb max (1)
1.
When mounted on 1 inch2, 2 oz Cu.
50
°C/W
Table 4.
Avalanche data
Symbol
Parameter
Value
Unit
IAV
Not-repetitive avalanche current
20
A
EAS
(1)
1.
Starting Tj = 25 °C, ID = IAV, VDD = 24 V
Single pulse avalanche energy
150
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com