Electronic Components Datasheet Search
  English  ▼

X  

OP90EZ Datasheet(PDF) 10 Page - Analog Devices

Part # OP90EZ
Description  Precision Low-Voltage Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP90EZ Datasheet(HTML) 10 Page - Analog Devices

Back Button OP90EZ Datasheet HTML 4Page - Analog Devices OP90EZ Datasheet HTML 5Page - Analog Devices OP90EZ Datasheet HTML 6Page - Analog Devices OP90EZ Datasheet HTML 7Page - Analog Devices OP90EZ Datasheet HTML 8Page - Analog Devices OP90EZ Datasheet HTML 9Page - Analog Devices OP90EZ Datasheet HTML 10Page - Analog Devices OP90EZ Datasheet HTML 11Page - Analog Devices OP90EZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. A
OP90
–10–
Micropower Voltage-Controlled Oscillator
Two OP90s in combination with an inexpensive quad CMOS
switch comprise the precision VCO of Figure 10. This circuit
provides triangle and square wave outputs and draws only 50
µA
from a single 5 V supply. A1 acts as an integrator; S1 switches
the charging current symmetrically to yield positive and negative
ramps. The integrator is bounded by A2 which acts as a Schmitt
trigger with a precise hysteresis of 1.67 V, set by resistors R5,
R6, and R7, and associated CMOS switches. The resulting output
of A1 is a triangular wave with upper and lower levels of 3.33 V
and 1.67 V. The output of A2 is a square wave with almost
rail-to-rail swing. With the components shown, frequency of
operation is given by the equation:
fV
V
Hz V
OUT
CONTROL
=
() ×10 /
but this is easily changed by varying C1. The circuit operates
well up to a few hundred hertz.
Micropower Single-Supply Instrumentation Amplifier
The simple instrumentation amplifier of Figure 11 provides over
110 dB of common-mode rejection and draws only 15
µA of
supply current. Feedback is to the trim pins rather than to the
inverting input. This enables a single amplifier to provide differ-
ential to single-ended conversion with excellent common-mode
rejection. Distortion of the instrumentation amplifier is that of a
differential pair, so the circuit is restricted to high gain applica-
3
7
C1
75nF
6
4
2
R3
100k
R4
200k
R1
200k
R2
200k
VCONTROL
+5V
TRIANGLE
OUT
R8
200k
+5V
R5
200k
3
7
6
4
2
SQUARE
OUT
R6
200k
R7
200k
IN/OUT
OUT/IN
IN/OUT
CONT
CONT
CONT
1
IN/OUT
IN/OUT
VSS
+5V
CONT
2
3
4
5
6
7
14
13
12
11
10
9
8
CD4066
+5V
+5V
+5V
VDD
OUT/IN
OUT/IN
OUT/IN
OP90EZ
A2
S1
S2
S3
S4
OP90EZ
A1
Figure 10. Micropower Voltage Controlled Oscillator
tions. Nonlinearity is less than 0.1% for gains of 500 to 1000
over a 2.5 V output range. Resistors R3 and R4 set the voltage
gain and, with the values shown, yield a gain of 1000. Gain
tempco of the instrumentation amplifier is only 50 ppm/
°C.
Offset voltage is under 150
µV with drift below 2 µV/°C. The
OP90’s input and output voltage ranges include the negative
rail which allows the instrumentation amplifier to provide true
“zero-in, zero-out” operation.
R1
4.3M
R4
3.9M
R3
1M
R2
500k
GAIN
ADJUST
VOUT
3
7
6
4
2
5
–IN
1
+IN
0.1 F
+5V
OP90EZ
Figure 11. Micropower Single-Supply Instrumentation
Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com