Electronic Components Datasheet Search
  English  ▼

X  

PKD01 Datasheet(PDF) 17 Page - Analog Devices

Part # PKD01
Description  Monolithic Peak Detector with Reset-and-Hold Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

PKD01 Datasheet(HTML) 17 Page - Analog Devices

Back Button PKD01 Datasheet HTML 10Page - Analog Devices PKD01 Datasheet HTML 11Page - Analog Devices PKD01 Datasheet HTML 12Page - Analog Devices PKD01 Datasheet HTML 13Page - Analog Devices PKD01 Datasheet HTML 14Page - Analog Devices PKD01 Datasheet HTML 15Page - Analog Devices PKD01 Datasheet HTML 16Page - Analog Devices PKD01 Datasheet HTML 17Page - Analog Devices PKD01 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
REV. A
PKD01
–17–
PKD01
A
B
C
LOGIC
GND
ANALOG
GND
–15V
+15V
VOUT
5V
1ms
2V
INPUT
RESET
OUTPUT
PEAK
DETECT
NOTES:
RESET VOLTAGE = –1.0V
TRACE 1 = 2V/DIV
TRACE 2 = 5V/DIV
TRACE 3 = 2V/DIV
SW-201
–15V +15V
VRS1
VRS2
VRS3
VRS4
VIN
A1
A2
A3
A4
PK DET/RST
Figure 21. Positive Peak Detector with Selectable Reset Voltage
PKD01
D1
CH
DAC08
C
A
B
DET
RAMP START
PULSE
BUFFERED
RAMP
OUTPUT
RAMP SLOPE
SELECTION
I
B1
B8
R > 20k
REF-01
15V
A0 A1 A2
CH1
CH2
CH3
CH4
CH5
CH6
CH7
CH8
MUX-08
AMPLITUDE
SELECTION
LOGIC
RAMP
AMPLITUDE
SLOPE =
I0
C
~0.5V/ s
~0.5V/ s
SLOPE =
I1
C
RAMP
AMPLITUDE
RAMP
START
PULSE
0
NOTES:
1. NEGATIVE SLOPE OF RAMP IS SET BY DAC08 OUTPUT CURRENT.
2. DAC08 IS A DIGITALLY CONTROLLED CURRENT GENERATOR.
THE MAXIMUM FULL-SCALE CURRENT MUST BE LESS THAN 0.5mA.
RST
Figure 22. Programmable Low Frequency Ramp Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com