Electronic Components Datasheet Search
  English  ▼

X  

PE7127 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7127
Description  SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 18 GHz SWITCH TYPE:SP4T
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7127 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7127 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE7127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7127 PASTERNACK-PE7127 Datasheet
424Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch
PE7127 PASTERNACK-PE7127_14 Datasheet
424Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch
More results

Similar Description - PE7127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7104 PASTERNACK-PE7104 Datasheet
232Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1 GHz SWITCH TYPE:SPST
PE7110 PASTERNACK-PE7110 Datasheet
234Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz to 18 GHz SWITCH TYPE:SPST
PE7117 PASTERNACK-PE7117 Datasheet
245Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SPDT
PE7120 PASTERNACK-PE7120 Datasheet
250Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 1GHz TO 18 GHz SWITCH TYPE:SP3T
PE7125 PASTERNACK-PE7125 Datasheet
129Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
PE7126 PASTERNACK-PE7126 Datasheet
132Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1 GHz TO 2 GHz SWITCH TYPE :SP4T
PE7128 PASTERNACK-PE7128 Datasheet
320Kb / 1P
SMA FEMALE,COAXIAL SWITH FREQUENCY RANGE:2 GHz TO 4GHz SWITCH TYPE:SP4T
PE7129 PASTERNACK-PE7129 Datasheet
319Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 4 GHz TO 8 GHz SWITCH TYPE :SP4T
PE7130 PASTERNACK-PE7130 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RAMGE:8 GHz to 12GHz SWITCH TYPE:SP4T
PE7131 PASTERNACK-PE7131 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SP4T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com