Electronic Components Datasheet Search
  English  ▼

X  

PE7133 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7133
Description  SMA FEMALE, TRANSFER SWITCH FREQUENCY RANGE: 1GHz TO 2GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7133 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7133 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE7133

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7130 PASTERNACK-PE7130 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RAMGE:8 GHz to 12GHz SWITCH TYPE:SP4T
PE7130 PASTERNACK-PE7130_14 Datasheet
424Kb / 3P
50 Ohm SMA SP4T PIN Diode Switch
PE7131 PASTERNACK-PE7131 Datasheet
321Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18 GHz SWITCH TYPE:SP4T
PE7132 PASTERNACK-PE7132 Datasheet
282Kb / 3P
50 Ohm SMA Transfer PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up To 2 Watts
PE7134 PASTERNACK-PE7134 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE 1GHz to 18GHz
More results

Similar Description - PE7133

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7103 PASTERNACK-PE7103 Datasheet
117Kb / 1P
SMA FEMALE,COAXIAL SWITCH FREQUENCY RANGE: 10MHz to 1GHz SWITCH TYPE: SPST
PE7105 PASTERNACK-PE7105 Datasheet
232Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE:SPST
PE7106 PASTERNACK-PE7106 Datasheet
233Kb / 1P
SMA FEMALE COXIAL SWITCH FREQUENCY RANGE 1GHz TO 18GHz SWITCH TYPE SPST
PE7107 PASTERNACK-PE7107 Datasheet
231Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHZ SWITCH TYPE:SPST
PE7112 PASTERNACK-PE7112 Datasheet
242Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 1GHz 2GHz SWITCH TYPE: SPDT
PE7114 PASTERNACK-PE7114 Datasheet
115Kb / 1P
SMA FEMALE, COAXIAL SWITCH FREQUENCY RANGE: 2GHz TO 4 GHz SWITCH TYPE:SPDT
PE7125 PASTERNACK-PE7125 Datasheet
129Kb / 1P
SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 10MHz TO 1GHz SWITCH TYPE:SP4T
PE7134 PASTERNACK-PE7134 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE 1GHz to 18GHz
PE7137 PASTERNACK-PE7137 Datasheet
242Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE: 8GHz TO 12GHz
PE7138 PASTERNACK-PE7138 Datasheet
298Kb / 1P
SMA FEMALE TRANSFER SWITCH FREQUENCY RANGE:12 GHz TO 18GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com