Electronic Components Datasheet Search
  English  ▼

X  

PKD01EY Datasheet(PDF) 13 Page - Analog Devices

Part # PKD01EY
Description  Monolithic Peak Detector with Reset-and-Hold Mode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

PKD01EY Datasheet(HTML) 13 Page - Analog Devices

Back Button PKD01EY Datasheet HTML 9Page - Analog Devices PKD01EY Datasheet HTML 10Page - Analog Devices PKD01EY Datasheet HTML 11Page - Analog Devices PKD01EY Datasheet HTML 12Page - Analog Devices PKD01EY Datasheet HTML 13Page - Analog Devices PKD01EY Datasheet HTML 14Page - Analog Devices PKD01EY Datasheet HTML 15Page - Analog Devices PKD01EY Datasheet HTML 16Page - Analog Devices PKD01EY Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REV. A
PKD01
–13–
PEAK HOLD CAPACITOR RECOMMENDATIONS
The hold capacitor (CH) serves as the peak memory element
and compensating capacitor. Stable operation requires a mini-
mum value of 1000 pF. Larger capacitors may be used to lower
droop rate errors, but acquisition time will increase.
Zero scale error is internally trimmed for CH = 1000 pF. Other
CH values will cause a zero scale shift which can be approxi-
mated with the following equation.
∆VmV
pC
CnF
mV
ZS
H
() =
×
()
()
−
110
06
3
.
The peak hold capacitor should have very high insulation resis-
tance and low dielectric absorption. For temperatures below
85
°C, a polystyrene capacitor is recommended, while a Teflon
capacitor is recommended for high temperature environments.
CAPACITOR GUARDING AND GROUND LAYOUT
Ground planes are recommended to minimize ground path
resistance. Separate analog and digital grounds should be used.
The two ground systems are tied together only at the common
system ground. This avoids digital currents returning to the
system ground through the analog ground path.
PKD01
CH
REPEAT ON
“COMPONENT SIDE”
OF PC BOARD IF POSSIBLE
BOTTOM VIEW
14
13
12
11
10
9
8
1
2
3
4
5
6
7
Figure 9. CH Terminal (Pin 4) Guarding. See Text.
The CH terminal (Pin 4) is a high impedance point. To minimize
gain errors and maintain the PKD01’s inherently low droop rate,
guarding Pin 4 as shown in Figure 9 is recommended.
COMPARATOR
The comparator output high level (VOH) is set by external resis-
tors. It is possible to optimize noise immunity while interfacing
to all standard logic families—TTL, DTL, and CMOS. Figure
10 shows the comparator output with external level-setting
resistors. Table I gives typical R1 and R2 values for common
circuit conditions.
The maximum comparator high output voltage (VOH) should be
limited to:
VOH (maximum) < V+ –2.0 V
With the comparator in the low state (VOL), the output stage
will be required to sink a current approximately equal to VC/R1.
CMP
PKD01
COMPARATOR
INPUT
INVERTING
COMPARATOR
INPUT
DIGITAL
GND
V–
R1 = R2
(
)
VC
VOH
–1
R1
R2
VOH
VC
Figure 10. Comparator Output with External Level-Setting
Resistors
Table I.
VC
VOH
R1
R2
5
3.5
2.7 k
Ω 6.2 kΩ
5
5.0
2.7 k
Ω
15
3.5
4.7 k
Ω 1.5 kΩ
15
5.0
4.7 k
Ω 2.4 kΩ
15
7.5
7.5 k
Ω 7.5 kΩ
15
10.0
7.5 k
Ω 15 kΩ
PEAK DETECTOR LOGIC CONTROL (RST,
DET)
The transconductance amplifier outputs are controlled by the
digital logic signals RST and
DET. The PKD01 operational
mode is selected by steering the current (I1) through Q1 and Q2,
thus providing high-speed switching and a predictable logic
threshold. The logic threshold voltage is 1.4 V when digital
ground is at zero volts.
Other threshold voltages (VTH) may be selected by applying
the formula:
VTH
≈ 1.4 V + Digital Ground Potential.
For proper operation, digital ground must always be at least
3.5 V below the positive supply and 2.5 V above the negative
supply. The RST or
DET signal must always be at least 2.8 V
above the negative supply.
Operating the digital ground at other than zero volts does influence
the comparator output low voltage. The VOL level is referenced
to digital ground and will follow any changes in digital ground
potential:
VOL
≈ 0.2 V + Digital Ground Potential.
R
V
I
C
SINK
1
≈
R
V
V
C
OH
2
1
1
≈
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com