Electronic Components Datasheet Search
  English  ▼

X  

C0899A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0899A
Description  COMPUTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0899A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0899A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRODUCT DATA SHEET
Part Number:
C0899A
Revision Level:
00
Date:
June 23, 2005
6P 24 7/32 TC PE OAS PVC
COMPUTER CABLE
A.
CONSTRUCTION
DIAMETERS
1)
CONDUCTOR:
#24 AWG 7/32 Tinned Copper
0.024” nom.
2)
INSULATION:
0.015” Wall Polyethylene
0.054” nom.
3)
PAIRING:
12 conductors into 6 pairs @ 2.00” LHL.
0.144” nom.
4)
COLOR CODE:
1.
Black paired to White
2.
Red paired to Green
3.
Brown paired to Blue
4.
Orange paired to Yellow
5.
Purple paired to Gray
6.
Tan paired to Pink
5)
CABLE:
6 pairs @ 3.00” LHL with aluminum/polypropylene tape
(foil out) & #24 AWG 7/32 TC drain wire.
0.208” nom.
6)
JACKET:
0.032” Wall Polyvinyl Chloride - Gray
0.272” +/- 0.014”
7)
PRINT LEGEND:
CAROL (R) 24 AWG -- C0899A -- 75C E111240-8 CM(UL)
C(UL)CMH OR 80C AWM STYLE 2448 300V LOW VOLTAGE COMPUTER
CABLE -- MADE IN USA
(DATE CODE)
8)
B.
INDUSTRY APPROVALS
UL Standard 444
Type CM (UL)
National Electrical Code
Article 800
Canadian Standards Association
Type CMH C(UL)
UL Subject 758
AWM Style 2448
C.
ELECTRICAL PROPERTIES
1)
TEMPERATURE:
75 C/CM, 80C/AWM
2)
SUGGESTED WORKING VOLTAGE (Vrms):
300 Vrms/CM, 30Vrms/AWM
3)
CONDUCTOR D.C. RESISTANCE:
25.7 Ohms/1000 ft. nom. @ 20 C
4)
SHIELD RESISTANCE:
7.2 Ohms/1000 ft. nom. @ 20 C
5)
MUTUAL CAPACITANCE:
13.2 pF/ft. @ 1kHz nom.
6)
GROUND CAPACITANCE:
23.8 pF/ft. @ 1kHz nom.
7)
CHARACTERISTIC IMPEDANCE:
116.6 Ohms @ 1 MHz nom.
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0899A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0890A GENERAL-C0890A Datasheet
81Kb / 1P
COMPUTER CABLE
C0893A GENERAL-C0893A Datasheet
81Kb / 1P
COMPUTER CABLE
C0896A GENERAL-C0896A Datasheet
81Kb / 1P
COMPUTER CABLE
C0897A GENERAL-C0897A Datasheet
81Kb / 1P
COMPUTER CABLE
logo
SHANTOU HUASHAN ELECTRO...
C089BJ-00 HUASHAN-C089BJ-00 Datasheet
27Kb / 1P
NPN SILICON TRANSISTOR
More results

Similar Description - C0899A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com