Electronic Components Datasheet Search
  English  ▼

X  

PE7144 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7144
Description  SMA SPDT RALAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7144 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7144 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE7144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7140 PASTERNACK-PE7140 Datasheet
122Kb / 1P
N FEMALE MANUAL COAX SWITCH WITH SURGE PROTECTOR
PE7141 PASTERNACK-PE7141 Datasheet
250Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
PE7141 PASTERNACK-PE7141 Datasheet
434Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7141 PASTERNACK-PE7141_15 Datasheet
434Kb / 6P
SPDT Electromechanical Relay Failsafe Switch
PE7142 PASTERNACK-PE7142 Datasheet
120Kb / 1P
SMA SPDT RELAY SWITCH FAILSAFE
More results

Similar Description - PE7144

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7143 PASTERNACK-PE7143 Datasheet
283Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS LATCHING & SELF CUT OFF
PE7145 PASTERNACK-PE7145 Datasheet
274Kb / 1P
SMA SPDT RELAY SWITCH INDICATORS & PULSE LATCHING
PE7146 PASTERNACK-PE7146 Datasheet
273Kb / 1P
SMA SPDT RELAY SWITCH, INDICATORS & PULSE LATCHING
PE7149 PASTERNACK-PE7149 Datasheet
119Kb / 1P
N SPDT RELAY SWITCH HOT SWITCHES INDICATORS & PULSE LATCHING
PE7151 PASTERNACK-PE7151 Datasheet
306Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS, LATCHING & SELF CUT OFF
PE7152 PASTERNACK-PE7152 Datasheet
304Kb / 1P
SMA TRANSFER RELAY SWITCH, INDICATORS & PULSE LATCHING
logo
List of Unclassifed Man...
R461JK-480823 ETC2-R461JK-480823 Datasheet
180Kb / 6P
SW, SP6T, LATCHING SELF CUT-OFF, 16 PIN IDC CONN. SMA-FEMALE CONNECTORS, INDICATORS 50 OHM [1W] INT TERMINATIONS, 5 MIL CYCLE, 26.5GHz
logo
Pasternack Enterprises,...
PE71S6314 PASTERNACK-PE71S6314 Datasheet
485Kb / 6P
SP6T Electromechanical Relay Latching Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Self Cut Off
PE71S6307 PASTERNACK-PE71S6307 Datasheet
495Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 12V Control with Indicators, TTL, Self Cut Off
PE71S6308 PASTERNACK-PE71S6308 Datasheet
482Kb / 6P
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA, 20 Watts, 28V Control with Indicators, TTL, Self Cut Off
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com