Electronic Components Datasheet Search
  English  ▼

X  

C0959A Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # C0959A
Description  COMPUTER CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C0959A Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  C0959A Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: C0959A
Date:
7/11/2007
Revision Level:
1
15C 24 7/32 TC S-R PVC OAS BRAID PVC
COMPUTER CABLE
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
Braid
#24 AWG 7/32 Tinned Copper
0.010" Wall Semi-Rigid Polyvinyl Chloride
0.032" Polyvinyl Chloride
0.024" nom.
CAROL (R) 24 AWG -- C0959A -- 75C E111240-8 CM(UL)C(UL) OR AWM STYLE 2464 --- CSA
LL69381 CMG -- MADE IN USA
15 Conductors @ 3.50" LHL - Aluminum/polyester
0.212" nom.
0.044" nom.
0.298" +/- 0.015"
(Foil Out)
Tinned Copper Braid
65% nom. Coverage
0.234" nom.
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C (CM) / 80C (2464) / 60C (CMG)
300 Vrms
25.7 Ohms/1000 ft nom
30.34 pF/ft @ 1kHz nom
57.6 Ohms @ 1MHz nom
3.6 Ohms/1000 ft nom
54.61 pF/ft @ 1kHz nom
National Electrical Code
Article 800
UL Standard 444
Type CM
UL Standard 758
AWM Style 2464
CSA International
Type CMG
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Black
White
Red
Light Green
Orange
Light Blue
White / Black
Red / Black
Light Green / Black
Orange / Black
Light Blue / Black
Black / White
Red / White
Light Green / White
Light Blue / White
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - C0959A

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C095-850-130-XXX AMPHENOL-C095-850-130-XXX Datasheet
960Kb / 1P
HD-BNC STR PLUG TO BNC STR CRIMP PLUG USING BELDEN 1855A CABLE, VARIOUS LENGTH
C095-850-131-XXX AMPHENOL-C095-850-131-XXX Datasheet
875Kb / 1P
HD-BNC STR PLUG TO BNC STR CRIMP PLUG USING BELDEN 1694A CABLE, VARIOUS LENGTH
logo
General Cable Technolog...
C0951A GENERAL-C0951A Datasheet
73Kb / 1P
COMPUTER CABLE
C0952A GENERAL-C0952A Datasheet
74Kb / 1P
COMPUTER CABLE
C0953A GENERAL-C0953A Datasheet
74Kb / 1P
COMPUTER CABLE
More results

Similar Description - C0959A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C0515A GENERAL-C0515A Datasheet
75Kb / 1P
Computer Cable
C0601A GENERAL-C0601A Datasheet
81Kb / 1P
COMPUTER CABLE
C0604A GENERAL-C0604A Datasheet
81Kb / 1P
COMPUTER CABLE
C0620A GENERAL-C0620A Datasheet
81Kb / 1P
COMPUTER CABLE
C0621A GENERAL-C0621A Datasheet
81Kb / 1P
COMPUTER CABLE
C0630A GENERAL-C0630A Datasheet
81Kb / 1P
COMPUTER CABLE
C0724A GENERAL-C0724A Datasheet
81Kb / 1P
COMPUTER CABLE
C0726A GENERAL-C0726A Datasheet
81Kb / 1P
COMPUTER CABLE
C0741A GENERAL-C0741A Datasheet
73Kb / 1P
COMPUTER CABLE
C0748A GENERAL-C0748A Datasheet
75Kb / 1P
COMPUTER CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com