Electronic Components Datasheet Search
  English  ▼

X  

PE33232-30 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE33232-30
Description  N Male to N Male Precision Cable 30 Inch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE33232-30 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE33232-30 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE33232-30 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE33232-30 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE33232-30 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
N Male to N Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
Configuration
Connector 1
N Male
Connector 2
N Male
Cable Type
150 Series
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Maximum VSWR
1.4:1
Velocity of Propagation, %
69.5
RF Shielding, dB
90
Maximum Operating Voltage, Vrms
1,900
Typical Electrical Specifications
Frequency 1
Frequency, GHz
2
VSWR
1.12:1
Insertion Loss
0.22 dB/ft [ 0.72 dB/m ]
Frequency 2
Frequency, GHz
6
VSWR
1.11:1
Insertion Loss
0.32 dB/ft [ 1.05 dB/m ]
Frequency 3
Frequency, GHz
10
VSWR
1.14:1
Insertion Loss
0.43 dB/ft [ 1.41 dB/m ]
Frequency 4
Frequency, GHz
14
VSWR
1.19:1
Insertion Loss
0.54 dB/ft [ 1.77 dB/m ]
Frequency 5
Frequency, GHz
18
VSWR
1.24:1
Insertion Loss
0.65 dB/ft [ 2.13 dB/m ]
Electrical Specification Notes:
Short lengths up to 24” long may exhibit VSWR
measurements up to 9% higher.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS PE33232-30
PE33232-30 REV
PE33232-30
N Male to N Male Precision Cable 30 Inch
Length Using 150 Series Coax, RoHS


Similar Part No. - PE33232-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33232-36 PASTERNACK-PE33232-36 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 36 Inch Length Using 150 Series Coax, RoHS
More results

Similar Description - PE33232-30

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33231-30 PASTERNACK-PE33231-30 Datasheet
272Kb / 4P
SMA Male to N Male Precision Cable 30 Inch Length Using 150 Series Coax, RoHS
PE33231-36 PASTERNACK-PE33231-36 Datasheet
272Kb / 4P
SMA Male to N Male Precision Cable 36 Inch
PE35028-12 PASTERNACK-PE35028-12 Datasheet
232Kb / 4P
N Male to N Male Precision Cable 12 Inch Length Using 165 Series Coax, RoHS
PE35028-30 PASTERNACK-PE35028-30 Datasheet
232Kb / 4P
N Male to N Male Precision Cable 30 Inch Length Using 165 Series Coax, RoHS
PE9427 PASTERNACK-PE9427 Datasheet
240Kb / 2P
Precision N Male to N Male Adapter
PE302-12 PASTERNACK-PE302-12 Datasheet
235Kb / 4P
N Male to N Male Precision Cable 12 Inch Length Using 160 Series Coax, RoHS
PE304 PASTERNACK-PE304 Datasheet
239Kb / 4P
SMA Male to N Male Precision Cable
PE3455-30 PASTERNACK-PE3455-30 Datasheet
365Kb / 4P
N Male to N Male Cable 30 Inch Length Using RG142 Coax
PE33232-60 PASTERNACK-PE33232-60 Datasheet
271Kb / 4P
N Male to N Male Precision Cable 60 Inch Length Using 150 Series Coax, RoHS
PE35423-30 PASTERNACK-PE35423-30 Datasheet
227Kb / 3P
TNC Male to TNC Male Precision Cable 30 Inch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com