Electronic Components Datasheet Search
  English  ▼

X  

FSD Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FSD
Description  Capacity: 128MB to 32GB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FSD Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FSD Datasheet HTML 1Page - Axiomtek Co., Ltd. FSD Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
* All the specifications and photos are subjected to be changed without notice.
www.axiomtek.com
Headquarters
AXIOMTEK Co., Ltd.
Tel: +886-2-2917-4550
Fax: +886-2-2917-3200
E-mail: info@axiomtek.com.tw
USA
AXIOMTEK Inc.
Tel: +1-626-581-3232
Fax: +1-626-581-3552
E-mail: info@axiomtek.com
Germany
AXIOMTEK DEUTSCHLAND GmbH
Tel: +49-2173-399360
Fax: +49-2173-3993636
E-mail: sales@axiomtek.de
France
AXIOMTEK S.A.S.
Tel: +33 (0) 146-491-591
Fax: +33 (0) 146-491-590
E-mail: info@axiomtek.fr
Mainland China
AXIOMTEK Shanghai
Tel: +86-21-5426-0435
Fax: +86-21-5426-0125
E-mail:axcn@axiomtek.com.cn
■
■ Introduction
Axiomtek’s FSD (Flash SATA DOM) series is designed into Serial ATA II protocol
type with compatible Serial ATA standard interface based on flash memory
technology. This flash module is offered with various capacities ranging from
128MB up to 32GB and can operate under industrial temperature range goes
from -40°C~85°C in the harsh operating environments. The features of
reliability, high performance, cost-effective and easy-to-integrate designs make
FSD series a perfect solution over traditional storage devices.
■
■ Specifications
General Specification
Capacity
128MB~32GB
Interface
Serial ATA Standard II (3Gb/s)
Flash type
SLC
Connector
7Pin
Form Factor
Vertical/High-Profile and
Vertical/Low-Profile
Sustained Speed Rate
(Max)
128MB ~16GB :
Read:68MB/sec.; Write:62MB/sec.
32GB:
Read:130MB/sec.; Write:125MB/sec.
Environmental Specification
Operating Temperature
0˚C~70˚C (0°F ~158°F) (standard temp.)
-40˚C~85˚C (-40 °F ~185°F) (industrial temp.)
Storage Temperature
-55˚C~95˚C (-67°F ~203°F)
Humidity
10%~95% non-condensing
Vibration
5G(7~2000Hz)
Shock
50G/10ms
■
■ Features
Serial ATA II standard interface
Capacity: 128MB to 32GB
Suitable for high demanding applications
Well performed under harsh operating environment and industrial
temperatures
Anti-vibration & shock resistance
Data integrity with Error Detection Code/Error Correction Code
(EDC/ECC)
Perfect replacement of hard drive, compatible with Serial ATA
High operating reliability & durability
Low power consumption
Fully compatible with devices and OS
Intelligent system for error recovery
Excellent data transfer speed
System Reliability
ECC technology
High reliability based on the internal ECC function
MTBF
>3,000,000 hours
R/W Endurance
2,000,000 times
Wear-leveling
Support
Power Requirment
DC Input Voltage
5V single power supply operation
Power Mode
Auto stand-by and sleep mode
Power Consumption
360mA(max.)
Read: 170 mA, Write: 200 mA, Idle: 110 mA
380mA(max.) only for 32GB
Read: 180 mA, Write: 200 mA, Idle: 110 mA
Physical Specification
Enclosure Material
PC Mechanical Cover and UL-94
Dimensions
(W x L x H)
Standard: 20.9mmx32.8mmx7.9mm
Low profile: 32.9mmx22.8mmx8.0mm
Standard 32GB:25.2mmx*32.8mmx6.8mm
Standard/Vertical type
FSD Series
Flash SATA DOM
Standard/Vertical type only for 32GB
Low-profile /Vertical type


Similar Part No. - FSD

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSD SCHURTER-FSD Datasheet
83Kb / 1P
Non resettable fuses
logo
Heyco.
FSD HEYCO-FSD Datasheet
132Kb / 1P
Break-Away Bumpers
logo
MultiDimension Technolo...
FSD-TMR1005 MULTIDIMENSION-FSD-TMR1005 Datasheet
415Kb / 4P
Rotational Speed Sensor
Nov-19
FSD-TMR1006 MULTIDIMENSION-FSD-TMR1006 Datasheet
418Kb / 4P
Temperature Detection Rotational Speed Sensor
Nov-19
logo
FutureWafer Tech Co.,Lt...
FSD0325D FUTUREWAFER-FSD0325D Datasheet
1Mb / 7P
Extra Small Package ESD Protection Device
More results

Similar Description - FSD

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED7PXXXATA70XXI25 WEDC-WED7PXXXATA70XXI25 Datasheet
268Kb / 15P
128MB to 1GB Industrial ATA Flash
logo
List of Unclassifed Man...
EM488M1644VTA-55L ETC1-EM488M1644VTA-55L Datasheet
920Kb / 18P
128Mb SDRAM
logo
Transcend Information. ...
TS4GSDHC2 TRANSCEND-TS4GSDHC2 Datasheet
635Kb / 24P
4~32GB High Capacity Secure Digital Card
TS4GSDHC6 TRANSCEND-TS4GSDHC6 Datasheet
478Kb / 24P
4~32GB High Capacity Secure Digital Card
TS32GJF600 TRANSCEND-TS32GJF600 Datasheet
65Kb / 2P
32GB USB2.0 JetFlash??00
TS32GJFV20 TRANSCEND-TS32GJFV20 Datasheet
47Kb / 2P
32GB USB2.0 JetFlash?줧20
TS32GJFV60 TRANSCEND-TS32GJFV60 Datasheet
66Kb / 2P
32GB USB2.0 JetFlash?줧60
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
CFast card specification standard, Capacity: 2GB up to 32GB
logo
Tripp Lite. All Rights ...
U244001VGAR TRIPPLITE-U244001VGAR Datasheet
537Kb / 2P
USB 2.0 to VGA Adapter, 128MB - 1920x1200,1080p
logo
Vecow Co., Ltd.
EMBC-3000 VECOW-EMBC-3000 Datasheet
852Kb / 2P
DDR4 2400MHz memory, up to 32GB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com