Electronic Components Datasheet Search
  English  ▼

X  

SSM2118TS Datasheet(PDF) 10 Page - Analog Devices

Part # SSM2118TS
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2118TS Datasheet(HTML) 10 Page - Analog Devices

Back Button SSM2118TS Datasheet HTML 6Page - Analog Devices SSM2118TS Datasheet HTML 7Page - Analog Devices SSM2118TS Datasheet HTML 8Page - Analog Devices SSM2118TS Datasheet HTML 9Page - Analog Devices SSM2118TS Datasheet HTML 10Page - Analog Devices SSM2118TS Datasheet HTML 11Page - Analog Devices SSM2118TS Datasheet HTML 12Page - Analog Devices SSM2118TS Datasheet HTML 13Page - Analog Devices SSM2118TS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. A
–10–
SSM2018T/SSM2118T
to run it in the noninverting single-ended mode. If either input
is unused, the associated 18 k
Ω resistor and coupling capacitor
should be removed to prevent any additional noise.
The common-mode rejection in balanced mode is typically
55 dB up to 1 kHz, decreasing at higher frequencies as shown in
Figure 34. To ensure good CMRR in the balanced configura-
tion, the input resistors must be balanced. For example, a 1%
mismatch results in a CMRR of 40 dB. To achieve 55 dB,
these resistors should have an absolute tolerance match of 0.1%.
The output of the basic VCA is taken from Pin 14, which is the
output of an internal amplifier. Notice that the second voltage
output (Pin 16) is connected to the negative supply. This is
normal and actually disables that output amplifier ensuring that
it will not oscillate and cause interference problems. Shorting
the output to the negative supply does not cause the supply cur-
rent to increase. This amplifier is only used in the “OVCE” ap-
plication explained later.
The control port follows a 30 mV/dB control law. The applica-
tion circuit shows a 3 k
Ω and 1 kΩ resistor divider from a con-
trol voltage. The choice of these resistors is arbitrary and could
be any values to properly scale the control voltage. In fact, these
resistors could be omitted if the control voltage is already prop-
erly scaled. The 1
µF capacitor is in place to provide some fil-
tering of the control signal. Although the control feedthrough is
trimmed at the factory, the feedthrough increases with fre-
quency (Figure 29). Thus, high frequency noise can
feedthrough and add to the noise of the VCA. Filtering the
control signal helps minimize this source of noise.
Theory of Operation of the SSM2018T
The SSM2018T has the same internal circuitry as the original
SSM2018. The detailed diagram in Figure 38 shows the main
components of the VCA. The essence of the SSM2018T is the
gain core, which is comprised of two differential pairs (Q1–Q4).
When the control voltage, VC, is adjusted, current through the
gain core is steered to one side or the other of the two differen-
tial pairs. The tail current for these differential pairs is set by
the mode bias of the VCA (Class A or AB), which is labeled as
IM in the diagram. IM is then modulated by a current propor-
tional to the input voltage, labeled IS. For a positive input volt-
age, more current is steered (by the “Splitter”) to the left
differential pair, and the opposite is true for a negative input.
To understand how the gain control works, a simple example is
best. Take the case of a positive control voltage on Pin 11. No-
tice that the bases of Q2 and Q3 are connected to ground via a
200
Ω resistor. A positive control voltage produces a positive
voltage on the bases of Q1 and Q4. Concentrating on the left
most differential pair, this raises the base voltage of Q1 above
that of Q2. Thus, more of the tail current is steered through Q1
than through Q2. The current from the collector of Q2 flows
through the external 18 k
Ω feedback resistor around amplifier
A3. When this current is reduced, the output voltage is also re-
duced. Thus, a positive control voltage results in an attenuation
of the input signal, which explains why the gain constant is
negative.
The collector currents of Q2 and Q3 produce the output volt-
age. The output of Q3 is mirrored by amplifier A1 to add to the
overall output voltage. On the other hand, the collector cur-
rents of Q1 and Q4 are used for feedback to the differential in-
puts. Because Pins 6 and 4 are shorted together, any input
voltage produces an input current which flows into Pin 4. The
APPLICATIONS
The SSM2018T is a trimless Voltage Controlled Amplifier
(VCA) for volume control in audio systems. The SSM2018T is
identical to the original SSM2018 in functionality and pinout;
however, it is the first professional quality audio VCA
in the marketplace that does not require an external trim-
ming potentiometer to minimize distortion. Instead, the
SSM2018T is laser trimmed before it is packaged to ensure the
specified THD and control feedthrough performance. This has
a significant savings in not only the cost of external trimming
potentiometers, but also the manufacturing cost of performing
the trimming during production.
The SSM2118T is identical to the SSM2018T except that dif-
ferential current outputs are provided as opposed to a voltage
output. This output configuration is ideal for bus summing ap-
plications where multiple audio signals are summed together.
These signals often require long lead lengths or cable runs to
reach the summing stage. Transmitting the signals in a differen-
tial current mode minimizes the chance for noise pickup and for
line impedances to upset the balance of the system. The
SSM2118T is also factory trimmed to minimize distortion and
control feedthrough. Thus, no individual trim is required for
each part. One global trim at the summing amplifier stage may
be necessary to properly balance the resistors in this stage, as ex-
plained later.
Basic VCA Configuration
The primary application circuit for the SSM2018T is the basic
VCA configuration, which is shown in Figure 37. This configu-
ration uses differential current feedback to realize the VCA. A
complete description of the internal circuitry of the VCA and
this configuration is given in the Theory of Operation section
below. The SSM2018T and SSM2118T are trimmed at the factory
for operation in the basic VCA configuration with class AB biasing.
Thus, for optimal distortion and control feedthrough perfor-
mance, the same configuration and biasing should be used. All
of the graphs for the SSM2018T in the data sheet have been
measured using the circuit of Figure 37.
V+
1
µF
R
B
150k
18k
V+
18k
V
IN+
1
µF 18k
V
IN–
47pF
1
µF
50pF
1k
V
CONTROL
3k
V
OUT
V–
1
2
16
15
5
6
7
12
11
10
3
4
14
13
89
SSM2018T
Figure 37. SSM2018T Basic VCA Application Circuit
In the simple VCA configuration, the SSM2018T inputs are at a
virtual ground. Thus, 18 k
Ω resistors are required to convert
the input voltages to input currents. The schematic also shows
ac coupling capacitors. These are inserted to minimize dc off-
sets generated by bias current through the resistors. Without the
capacitors, the dc offset due to the input bias current is typically
5 mV. The input stage has the flexibility to run either inverting,
noninverting, or balanced. The most common configuration is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com