Electronic Components Datasheet Search
  English  ▼

X  

FSAC12-EMC Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # FSAC12-EMC
Description  SATA II standard interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

FSAC12-EMC Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  FSAC12-EMC Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
* All the specifications and photos are subjected to be changed without notice.
www.axiomtek.com
Headquarters
AXIOMTEK Co., Ltd.
Tel: +886-2-2917-4550
Fax: +886-2-2917-3200
E-mail: info@axiomtek.com.tw
USA
AXIOMTEK Inc.
Tel: +1-626-581-3232
Fax: +1-626-581-3552
E-mail: info@axiomtek.com
Germany
AXIOMTEK DEUTSCHLAND GmbH
Tel: +49-2173-399360
Fax: +49-2173-3993636
E-mail: sales@axiomtek.de
France
AXIOMTEK S.A.S.
Tel: +33 (0) 146-491-591
Fax: +33 (0) 146-491-590
E-mail: info@axiomtek.fr
Mainland China
AXIOMTEK Shanghai
Tel: +86-21-5426-0435
Fax: +86-21-5426-0125
E-mail:axcn@axiomtek.com.cn
■
■ Introduction
AXIOMTEK’s FSA (Flash SATA Disk) series is a high performance 2.5” flash disk
and fully compatible with SATAII standard which make it an ideal replacement
for conventional SATA HDD without any driver or system modification. This 2.5”
SATAII flash disk is provided with huge capacities up to 512GB to meet diverse
needs of data storage. With the features of high capacity storage, data integrity,
anti-vibration and low power consumption, the FSA series is surely a solid
solution for expanding an industrial computer’s memory.
■
■ Specifications
General Specification
Capacity
1GB ~ 512GB
Interface
SATA II 3.0Gbp/s
Connector
7+15 pin male
Flash type
SLC
Form Factor
2.5”
Data Transfer Rate
1GB~2GB: Read: 32MB/sec (max.)
Write: 15MB/sec (max.)
4GB~128GB : Read: 160MB/sec (max.)
Write: 140MB/sec (max.)
256GB~512GB: Read: 250MB/sec (max.)
Write: 200MB/sec (max.)
Environmental Specification
Operating Temperature
0˚C~70˚C (32°F ~158°F) (standard temp.)
-40˚C~85˚C (-40 °F ~185°F) (industrial temp.)
Storage Temperature
-55˚C~95˚C (-67°F ~203°F)
Humidity
10%~95% non-condensing
Vibration
20G(7~2000Hz)
Shock
1500G/0.5ms
System Reliability
ECC technology
High reliability based on the internal ECC function
MTBF
>3,000,000 hours
R/W Endurance
2,000,000 times
Wear-leveling
Support
Power Requirment
■
■ Features
SATA II standard interface
Capacity: 1GB to 512GB
2.5" standard form factor
Suitable for high demanding applications
Well performed under harsh operating environment
Anti-vibration & shock resistance
Data integrity with Error Detection Code/Error Correction Code
(EDC/ECC)
Perfect replacement of hard drive
High operating reliability & durability
Low power consumption
Sleep Mode
1GB~2GB:55mA
4GB~128GB :150mA
256GB~512GB:210mA
Physical Specification
Enclosure Material
Aluminum Mechanical Cover
Dimensions
69.8 x 99.8 x 9.3mm (W x H x L)
■
■ Ordering Information
Models
(standard temp.)
Models
(industrial temp.)
interface
Capacity
FSA01G-100RS
FSA01G-140RS
SATAII 3.0G
1GB
FSA02G-100RS
FSA02G-140RS
SATAII 3.0G
2GB
FSA04G-100
FSA04G-140
SATAII 3.0G
4GB
FSA08G-100
FSA08G-140
SATAII 3.0G
8GB
FSA16G-100
FSA16G-140
SATAII 3.0G
16GB
FSA32G-100
FSA32G-140
SATAII 3.0G
32GB
FSA64G-100
FSA64G-140
SATAII 3.0G
64GB
FSAA28-100
FSAA28-140
SATAII 3.0G
128GB
FSAB56-EMC
FSAB56-EMW
SATAII 3.0G
256GB
FSAC12-EMC
FSAC12-EMW
SATAII 3.0G
512GB
FSA Series
Flash SATA Disk
2.5” SATA Flash Disk /SLC


Similar Part No. - FSAC12-EMC

ManufacturerPart #DatasheetDescription
logo
MMD Components
FSAC1 MMD-FSAC1 Datasheet
85Kb / 1P
HC-49/US Surface Mounted Crystal
More results

Similar Description - FSAC12-EMC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4951 MAXIM-MAX4951 Datasheet
245Kb / 8P
SATA I/SATA II Bidirectional Re-Driver
Rev 0; 6/08
MAX4951 MAXIM-MAX4951_09 Datasheet
244Kb / 9P
SATA I/SATA II Bidirectional Re-Driver
Rev 1; 5/09
logo
AAEON Technology
9741686004 AAEON-9741686004 Datasheet
167Kb / 1P
Supports 3.5??SATA Interface Hard Disk
logo
List of Unclassifed Man...
SDSA5FK-008G ETC2-SDSA5FK-008G Datasheet
1Mb / 45P
Fix 32GB sequential write (SATA-II) value.
logo
Axiomtek Co., Ltd.
FSD AXIOMTEK-FSD_17 Datasheet
164Kb / 1P
Serial ATA II standard interface; Serial ATA Standard III
logo
JMicron Technology Corp...
JMF602 JMICRON-JMF602 Datasheet
96Kb / 3P
SATA II to Flash Controller
JMS539 JMICRON-JMS539 Datasheet
76Kb / 2P
SuperSpeed USB to SATA II 3.0G Bridge
logo
Advantech Co., Ltd.
SQF-S25520 ADVANTECH-SQF-S25520 Datasheet
637Kb / 1P
SATA II (3.0Gb) 2.5 SSD
30-Jan-2013
SQF-SMS520 ADVANTECH-SQF-SMS520 Datasheet
569Kb / 1P
SATA II (3.0Gb) mSATA
SQF-S25-520 ADVANTECH-SQF-S25-520 Datasheet
623Kb / 1P
SATA II (3.0Gb) 2.5" SSD
30-Jan-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com