Electronic Components Datasheet Search
  English  ▼

X  

IR3551 Datasheet(PDF) 21 Page - International Rectifier

Part # IR3551
Description  The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3551 Datasheet(HTML) 21 Page - International Rectifier

Back Button IR3551 Datasheet HTML 14Page - International Rectifier IR3551 Datasheet HTML 15Page - International Rectifier IR3551 Datasheet HTML 16Page - International Rectifier IR3551 Datasheet HTML 17Page - International Rectifier IR3551 Datasheet HTML 18Page - International Rectifier IR3551 Datasheet HTML 19Page - International Rectifier IR3551 Datasheet HTML 20Page - International Rectifier IR3551 Datasheet HTML 21Page - International Rectifier IR3551 Datasheet HTML 22Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
September 10, 2012 | FINAL DATASHEET
21
IR3551
50A Integrated PowIRstage®
MARKING INFORMATION
3551M
?YWW?
xxxxx
Site/Date/Marking Code
Lot Code
Figure 36: PQFN 5mm x 6mm
PACKAGE INFORMATION
Figure 37: PQFN 5mm x 6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com