Electronic Components Datasheet Search
  English  ▼

X  

8550TV Datasheet(PDF) 1 Page - ebm-papst

Part # 8550TV
Description  AC axial compact fan
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

8550TV Datasheet(HTML) 1 Page - ebm-papst

  8550TV Datasheet HTML 1Page - ebm-papst 8550TV Datasheet HTML 2Page - ebm-papst 8550TV Datasheet HTML 3Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC axial compact fan
8550 TV
ebm-papst St. Georgen GmbH & Co. KG
Hermann-Papst-Straße 1
D-78112 St. Georgen
Phone +49 7724 81-0
Fax +49 7724 81-1309
info2@de.ebmpapst.com
www.ebmpapst.com
Nominal data
Type
8550 TV
Phase
1~
Nominal voltage
VAC
230
Frequency
Hz
50
Speed
min-1
2650
Power input
W
12.0
Min. ambient temperature
°C
-10
Max. ambient temperature
°C
70
Air flow
m3/h
40
Sound pressure level
dB(A)
27
ml = max. load · me = max. efficiency · fa = running at free air · cs = customer specs · cu = customer unit
Subject to alterations
Web data sheet XI · Page 1 of 3
ebm-papst St. Georgen GmbH & Co. KG · Hermann-Papst-Straße 1 · D-78112 St. Georgen · Phone +49 7724 81-0 · Fax +49 7724 81-1309 · info2@de.ebmpapst.com · www.ebmpapst.com


Similar Part No. - 8550TV

ManufacturerPart #DatasheetDescription
logo
ebm-papst
8550TV EBMPAPST-8550TV Datasheet
394Kb / 1P
TUBEAXIAL
8550TV EBMPAPST-8550TV_16 Datasheet
295Kb / 3P
AC axial compact fan
More results

Similar Description - 8550TV

ManufacturerPart #DatasheetDescription
logo
ebm-papst
AC6100NM EBMPAPST-AC6100NM_11 Datasheet
100Kb / 3P
AC axial compact fan
logo
Molex Electronics Ltd.
AC3200JH MOLEX10-AC3200JH Datasheet
174Kb / 4P
AC axial compact fan
logo
ebm-papst
4550N EBMPAPST-4550N Datasheet
296Kb / 4P
AC axial compact fan
4580Z EBMPAPST-4580Z Datasheet
285Kb / 4P
AC axial compact fan
4586Z EBMPAPST-4586Z Datasheet
285Kb / 4P
AC axial compact fan
4600TA EBMPAPST-4600TA Datasheet
209Kb / 3P
AC axial compact fan
4606N EBMPAPST-4606N Datasheet
296Kb / 4P
AC axial compact fan
4650N EBMPAPST-4650N Datasheet
296Kb / 4P
AC axial compact fan
5606S EBMPAPST-5606S Datasheet
287Kb / 4P
AC axial compact fan
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
AC axial compact fan
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com