Electronic Components Datasheet Search
  English  ▼

X  

SSM2275P Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2275P
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275P Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2275P Datasheet HTML 8Page - Analog Devices SSM2275P Datasheet HTML 9Page - Analog Devices SSM2275P Datasheet HTML 10Page - Analog Devices SSM2275P Datasheet HTML 11Page - Analog Devices SSM2275P Datasheet HTML 12Page - Analog Devices SSM2275P Datasheet HTML 13Page - Analog Devices SSM2275P Datasheet HTML 14Page - Analog Devices SSM2275P Datasheet HTML 15Page - Analog Devices SSM2275P Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
SSM2275/SSM2475
REV. A
–14–
SPICE Macro-model
The SPICE macro-model for the SSM2275 is shown in Listing
1 on the following page. This model is based on typical values
for the device and can be downloaded from Analog Devices’
Internet site at www.analog.com. The model uses a common
emitter output stage to provide rail-to-rail performance. A resis-
tor and dc voltage source, in series with the collector, accurately
portray output dropout voltage versus output current. The
VCMH and VCML sources set the upper and lower limits of
the input common mode voltage range. Both are set up as a
function of the supply voltage to mimic the varying common
mode range with supply voltage. The EOS voltage source estab-
lishes the offset voltage and is also used to create the common-
mode rejection and power supply rejection characteristics for
the model.
A secondary pole section is also set up to vary the gain band-
width product and phase margin of the model based on the
supply voltage. The H1 and VR1 sources set up an equivalent
resistor that is linearly varied with supply voltage. This equiva-
lent resistance, in parallel with C2, creates the secondary pole.
G2 is also linearly varied to increase the GBW at higher supply
voltages. With a supply voltage of 5 V, the gain bandwidth
product is 6.3 MHz with a 47 degree phase margin. At a 30 V
supply voltage, the GBW product moves out to 7.5 MHz with
48
° phase margin.
The broadband input referred voltage noise for the model is
6.8 nV/
√Hz. Flicker noise characteristics are also accurately
modeled with the 1/f corner frequency set through the KF and
AF terms in the input stage transistors. Finally, a voltage-con-
trolled current source, GSY, is used to model the amplifier’s
supply current versus supply voltage characteristics.
6
7
5
100pF
330pF
16
15
14
13
12
11
10
9
18-BIT
DAC
18-BIT
SERIAL
REG.
VOL
AGND
18-BIT
SERIAL
REG.
18-BIT
DAC
VOR
VBL
DGND
VBR
LR
DR
LL
DL
CK
V
L
1
2
3
4
5
6
7
8
AD1868
220 F
47k
RIGHT
CHANNEL
OUTPUT
330pF
100pF
220 F
LEFT
CHANNEL
OUTPUT
+5V SUPPLY
1
3
2
4
8
1/2
SSM2275
1/2
SSM2275
47k
Ω
7.68k
7.68k
7.68k
7.68k
9.76k
9.76k
V
REF
V
REF
V
S
Figure 42. A Smoothing Filter for an 18-Bit Stereo DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com