Electronic Components Datasheet Search
  English  ▼

X  

F48_DD Datasheet(PDF) 1 Page - SL Power Electronics

Part # F48_DD
Description  F48 UK Wall Mount 7-14 Watts Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

F48_DD Datasheet(HTML) 1 Page - SL Power Electronics

  F48_DD Datasheet HTML 1Page - SL Power Electronics F48_DD Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F48 UK Wall Mount 7-14 Watts Series
Features
•
230 VAC Input
•
UK Wall Plug In Style
•
Rated for Continuous Duty
•
Filtered
•
Unregulated Outputs up to 12 Watts
•
Meets Safety Agency Requirements
•
CE Compliant
•
Impact Resistant Polycarbonate Enclosure
•
Private Label Marking Available
•
1 Year Warranty
•
Modified and Custom Designs Also Available
•
Manufactured in China
Ault Model
Voltage DC
Minimum
Current-Amps
Maximum
Current-Amps
Maximum
Watts
F48-051800-A000G
F48-061500-A000G
F48-071300-A000G
F48-081200-A000G
F48-091000-A000G
F48-100900-A000G
F48-120600-A000G
F48-120800-A000G
F48-121000-A000G
F48-140600-A000G
F48-150500-A000G
F48-151000-A000G
F48-180600-A000G
F48-200600-A000G
F48-220500-A000G
F48-240500-A000G
F48-240600-A000G
5
6
7
8
9
10
12
12
12
14
15
15
18
20
22
24
24
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1.80
1.50
1.30
1.20
1.00
0.90
0.60
0.80
1.00
0.60
0.50
1.00
0.60
0.60
0.50
0.50
0.60
9.00
9.00
9.00
9.60
9.00
9.60
7.20
9.60
12.0
8.40
7.50
15.0
10.8
12.0
11.0
12.0
14.4
Input
•
Voltage
230 VAC
•
Line Frequency
50 Hz
•
Connector
UK Wall Plug, No Ground
Electrical
•
Topology
DC Unregulated Power
Supply
•
Dielectric Withstand
3000 VAC primary-secondary
•
Protection
Current, Thermal or Energy
Limiting
•
EMI
Complies with EMC
Directives
•
CE
CE Compliant
Safety Approvals
EN60950
ONE YEAR WARRANTY
Environmental
•
Operating Temperature
5
° to 40° C with no derating
**This model only 0 -50
° C.
•
Storage Temperature
-30
° to +85° C
•
Relative Humidity
•
Altitude
5% to 95% non-condensing
0-10,000 feet
•
Cooling
Convectional - non vented case
Mechanical
•
Case Dimensions
D48 - UK Wall Plug
3.2 L x 2.2 W x 2.0 H (in)
81 L x 55 W x 48 H (mm)
•
Case Material
Black 94 V1 Polycarbonate
•
Weight
•
Cord and
Connector
18 ounces, 525 grams,
(excluding cord)
6 ft., 2 Conductor, 22-24 AWG
Ault #3 Connector
Other Connectors Available


Similar Part No. - F48_DD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F48-023 ETC2-F48-023 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F48-023 TRIAD-F48-023 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
F48-023-C2 TRIAD-F48-023-C2 Datasheet
49Kb / 1P
CLASS 3 TRANSFORMER
logo
List of Unclassifed Man...
F48-050 ETC2-F48-050 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
F48-050 TRIAD-F48-050 Datasheet
90Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - F48_DD

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
D41_DD SLPOWER-D41_DD Datasheet
20Kb / 1P
D41 Euro Wall Mount 2-6 Watts Series
D48_DD SLPOWER-D48_DD Datasheet
20Kb / 2P
D48 Euro Wall Mount 7-14 Watts Series
F35_DD SLPOWER-F35_DD Datasheet
17Kb / 2P
F35 UK Wall Mount 1-3 Watts Series
F41_DD SLPOWER-F41_DD Datasheet
20Kb / 2P
F41 UK Wall Mount 2-7 Watts Series
logo
Tumbler Technologies + ...
TVW7 TRUMPOWER-TVW7 Datasheet
128Kb / 1P
5~7 Watts Wall Mount Adapters with USB Charger
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
10 & 18 Watts Wall Mount Adapters
logo
Qualtek Electronics Cor...
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
18 Watts Single Output Wall Mount
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
18 Watts Single Output Wall Mount
QFWB-65 QUALTEK-QFWB-65 Datasheet
1Mb / 2P
65 Watts Single Output Wall Mount
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com