Electronic Components Datasheet Search
  English  ▼

X  

SSM2412 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2412
Description  Dual Audio Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2412 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2412 Datasheet HTML 4Page - Analog Devices SSM2412 Datasheet HTML 5Page - Analog Devices SSM2412 Datasheet HTML 6Page - Analog Devices SSM2412 Datasheet HTML 7Page - Analog Devices SSM2412 Datasheet HTML 8Page - Analog Devices SSM2412 Datasheet HTML 9Page - Analog Devices SSM2412 Datasheet HTML 10Page - Analog Devices SSM2412 Datasheet HTML 11Page - Analog Devices SSM2412 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
SSM2402/SSM2412
REV. A
–11–
Figure 8. Switcher Functional Block Diagram
Overall performance of the 16
× 1 stereo switcher is noteworthy.
Input-to-output frequency response is flat to within 1 dB over a
10 Hz to 50 kHz band. Total harmonic distortion plus noise is
less than 0.03%, from 20 Hz to 20 kHz. SMPTE intermodula-
tion distortion is less than 0.02%. The use of
±18 V dc power
supplies produces a +30 dBm clip level, even when driving
600
Ω loads.
Table I. Circuit Performance Specifications
Max Input Level
+30 dBu
Input Impedance, Unbalanced
100 k
Ω
Input Impedance, Balanced
200 k
Ω
Common-Mode Rejection (20 Hz to 20 kHz)
>70 dB
Common-Mode Voltage Limit
±98 V Peak
Max Output Level
+30 dBu/dBm
Output Impedance
67
Ω
Gain Control Range
±2 dB
Output Voltage Slew Rate
6 V/
µs
Frequency Response (
±0.05 dB)
20 Hz to 20 kHz
Frequency Response (
±0.5 dB)
10 Hz to 50 kHz
THD + Noise (20 Hz to 20 kHz, +8 dBu)
0.005%
THD + Noise (20 Hz to 20 kHz, +24 dBu)
0.03%
IMD (SMPTE 60 Hz & 4 kHz, 4:1, +24 dBu)
0.02%
Crosstalk (20 Hz to 20 kHz)
>80 dB
S/N Ratio @ 0 dB Gain
135 dB
The routing switcher bus carries high level unbalanced audio,
but is driven with low impedance sources. With the output im-
pedance of the SSM2015 at virtually 0
Ω and the SSM2402
switch ON, resistance is typically 60
Ω. Bus-to-bus crosstalk is
exceptionally low. For example, assuming 14 pF coupling be-
tween buses and 20 kHz signal, the crosstalk (isolation) exceeds
80 dB. The 14 pF would be representative for the 16
× 1 stereo
design shown. Shielding of the buses with a printed circuit
board ground plane and physically isolating the input and out-
put circuits will reduce the crosstalk even further. The “T” con-
figuration of the SSM2402 switch virtually eliminates crosstalk
between the various input signal sources.
The output amplifier incorporates a buffer amplifier that pro-
vides 4 dB of gain (nominally), with adjustable output level trim
control. The buffer also isolates the switching bus from the bal-
anced output amplifier circuit. The balanced output is designed
to drive 600
Ω loads and utilizes two SSM2134 IC amplifiers.
The differential design increases drive capability, yet increases
the heat dissipation surface area, and keeps IC package tem-
perature well within safe operating limits, even when driving
600
Ω loads. The SSM2134 is recommended due to its low
noise, wide frequency response, and output drive current
capabilities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com