Electronic Components Datasheet Search
  English  ▼

X  

SSM2275RM Datasheet(PDF) 15 Page - Analog Devices

Part # SSM2275RM
Description  Rail-to-Rail Output Audio Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2275RM Datasheet(HTML) 15 Page - Analog Devices

Back Button SSM2275RM Datasheet HTML 8Page - Analog Devices SSM2275RM Datasheet HTML 9Page - Analog Devices SSM2275RM Datasheet HTML 10Page - Analog Devices SSM2275RM Datasheet HTML 11Page - Analog Devices SSM2275RM Datasheet HTML 12Page - Analog Devices SSM2275RM Datasheet HTML 13Page - Analog Devices SSM2275RM Datasheet HTML 14Page - Analog Devices SSM2275RM Datasheet HTML 15Page - Analog Devices SSM2275RM Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SSM2275/SSM2475
REV. A
–15–
Listing 1: SSM2275 SPICE Macro-Model
* SSM2275 SPICE Macro-Model Typical Values
* 8/97, Ver. 1
* TAM / ADSC
*
* Node assignments
*
non-inverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
|
|
|
|
output
*
|
|
|||
*
|
|
|||
.SUBCKT SSM2275
1
2
99
50
45
*
* INPUT STAGE
*
Q1
4
3
5 QNIX
Q2
6
2
7 QNIX
RC1
99 11 15E3
RC2
99 12 15E3
RE1
5
8 1E3
RE2
7
8 1E3
EOS
3
1 POLY(2) (61,98) (73,98) 1.5E-3 1.78E-5 1
IOS
1
2 5E-9
ECMH1 4 11 POLY(1) (99,50) 0.9 -30E-3
ECMH2 6 12 POLY(1) (99,50) 0.9 -30E-3
ECML1 9 50 POLY(1) (99,50) 0.1 30E-3
ECML2 10 50 POLY(1) (99,50) 0.1 30E-3
D1
9
5 DX
D2
10
7 DX
D3
13
1 DZ
D4
2 13 DZ
IBIAS 8 50 200E-6
*
* CMRR=115 dB, ZERO AT 1kHz, POLE AT 10kHz
*
ECM1 60 98 POLY(2) (1,98) (2,98) 0 .5 .5
RCM1 60 61 159.2E3
RCM2 61 98 17.66E3
CCM1 60 61 1E-9
*
* PSRR=120dB, ZERO AT 1kHz
*
RPS1 70
0 1E6
RPS2 71
0 1E6
CPS1 99 70 1E-5
CPS2 50 71 1E-5
EPSY 98 72 POLY(2) (70,0) (0,71) 0 1 1
RPS3 72 73 1.59E6
CPS3 72 73 1E-10
RPS4 73 98 1.59
*
* INTERNAL VOLTAGE REFERENCE
*
RSY1 99 91 100E3
RSY2 50 90 100E3
VSN1 91 90 DC 0
EREF 98
0 (90,0) 1
GSY 99 50 POLY(1) (99,50) 0.97E-3 -7E-6
*
* ADAPTIVE POLE AND GAIN STAGE
* AT Vsy= 5, fp=12.50MHz,Av=1
* AT Vsy=30, fp=18.75MHz,Av=1.16
*
G2 98 20 POLY(2) (4,6) (99,50) 0 80.3E-6 0 0 2.79E-6
VR1 20 21 DC 0
H1 21 98 POLY(2) VR1 VSN1 0 11.317E3 0 0 -28.29E6
C2
20 98 1.2E-12
*
* POLE AT 90MHz
*
G3 98 23 (20,98) 565.5E-6
R5 23 98 1.768E3
C3 23 98 1E-12
*
* GAIN STAGE
*
G1 98 30 (23,98) 733.3E-6
R1 30 98 9.993E3
CF 30 45 200E-12
D5 31 99 DX
D6 50 32 DX
V1 31 30 0.6
V2 30 32 0.6
*
* OUTPUT STAGE
*
Q3
46 42 99 QPOX
Q4
47 44 50 QNOX
RO1 46 48 30
RO2 47 49 30
VO1 45 48 15E-3
VO2 49 45 10E-3
RB1 41 42 200
RB2 43 44 200
EO1 99 41 POLY(1) (98,30) 0.7528 1
EO2 43 50 POLY(1) (30,98) 0.7528 1
*
* MODELS
*
.MODEL QNIX NPN(IS=1E-16,BF=400,KF=1.96E-14,AF=1)
.MODEL QNOX NPN(IS=1E-16,BF=100,VAF=130)
.MODEL QPOX PNP(IS=1E-16,BF=100,VAF=130)
.MODEL DX D(IS=1E-16)
.MODEL DZ D(IS=1E-14,BV=6.6)
.ENDS SSM2275



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com