Electronic Components Datasheet Search
  English  ▼

X  

G2M65 Datasheet(PDF) 1 Page - SL Power Electronics

Part # G2M65
Description  G2M65-X, where X is any number from 12 through 48, which represents the output voltage rating.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

G2M65 Datasheet(HTML) 1 Page - SL Power Electronics

  G2M65 Datasheet HTML 1Page - SL Power Electronics G2M65 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SL Power Electronics, Corp.
6050 King Drive., Bldg A
Ventura, CA 93003
Internet: www.slpower..com
MODEL NUMBERS: G2M65-X, where X is any number from 12 through 48, which represents the
output voltage rating. May be followed by suffix –XXX where XXX may be any number from 001 thru
999 to indicate value added configurations that have no impact on safety and/or suffix G to indicate
compliance to RoHS.
RATINGS:
Input:
100-240 V ac, 1.5 A, 50/60 Hz
Output:
5.4 A or 65 W maximum or see table for standard output voltage models.
Model
Output
Watts
G2M65-12 +12 V dc 5.4 A
65
G2M65-15 +15 V dc 4.3 A
65
G2M65-24 +24 V dc 2.7 A
65
G2M65-28 +28 V dc 2.3 A
65
G2M65-48 +48 V dc 1.35 A
65
Notes:
1.
Maximum ambient temperature for rated output current is 50 °C.
2.
Maximum Operating Relative Humidity 96 %, no condensation.
3.
Storage: -40 to +85 °C. Units should be allowed to warm-up under non-condensing conditions before application of
power.
CERTIFICATION: All models are Certified to be in compliance with the applicable requirements of
UL 60601-1, CSA 22.2 No. 601.1, EN 60601-1, and IEC 60601-1.
CLASSIFICATION:
(5.1) Protection against electric shock = Class II
(In accordance with sub-
(5.2) Degree of protection against electric shock = Signal output or intermediate
clause 5 of IEC 60601-1)
(5.3) Protection against harmful ingress of water = Ordinary (no protection)
(5.5) Have not been evaluated for use in the presence of a flammable anaesthetic
mixture with air, oxygen, or nitrous oxide. This evaluation is to be made
on the end equipment by the OEM.
(5.6) Mode of operation = Continuous
SAFETY DECLARATION:
Condor DC Power Supplies, Inc. declares under our sole
responsibility that all models listed above are in conformity with the applicable
requirements of EN 60950-1 following the provisions of the Low Voltage Directive
73/23/EEC.
OUTPUT:
The output must not be connected to Earth ground or to metallic enclosure in the end
application. The output is not acceptable for direct patient connection without additional isolation. The
DC output is SELV under normal and single fault conditions.
OVERVOLTAGE PROTECTION: The output is monitored for an overvoltage condition. In some
applications where an overvoltage condition could result in a hazard as defined in applicable safety
standards, redundant or additional overvoltage protection may be required. Consult factory for details.
41-35405-0001 Rev. C 6/8/06
Page 1 of 2
INSTALLATION INSTRUCTIONS
G2M65 SERIES


Similar Part No. - G2M65

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G2M GE-G2M Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
DIYI Electronic Technol...
G2M DYELEC-G2M Datasheet
1Mb / 2P
2.0AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
Relpol S.A.
G2M RELPOL-G2M Datasheet
10Mb / 20P
Plug-in sockets and accessories
logo
Vishay Siliconix
G2M VISHAY-G2M Datasheet
308Kb / 6P
Standard Sinterglass Diode
Rev. 1.3, 11-Aug-04
logo
Baumer IVO GmbH & Co. K...
G2M2H.010A102 IVO-G2M2H.010A102 Datasheet
630Kb / 4P
Absolute encoders - SSI
More results

Similar Description - G2M65

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
GEM750 SLPOWER-GEM750 Datasheet
116Kb / 2P
Where VV is the output Voltage 24-48VDC, W is an Alpha character A or T, which represents the Input Connector, X is an alpha character A, B or T which represents the Output Connector...
GNT60 SLPOWER-GNT60 Datasheet
122Kb / 2P
GNT60-X-YYYG, where X = 12, 15, 18, 24 or 48 which represents the output voltage rating, -YYY is value added options not related to Safety and G represents ROHS Compliance
logo
A-BRIGHT Inc
AL-01CEUV3WC-1A2 A-BRIGHT-AL-01CEUV3WC-1A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-2A2 A-BRIGHT-AL-01CEUV3WC-2A2 Datasheet
312Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEUV3WC-3A2 A-BRIGHT-AL-01CEUV3WC-3A2 Datasheet
311Kb / 7P
Lead spacing is measured where the leads emerge from the package
AL-01CEWW1WCP-A2 A-BRIGHT-AL-01CEWW1WCP-A2 Datasheet
657Kb / 11P
Lead spacing is measured where the leads emerge from the package
logo
Feeling Technology Corp...
FS200 FEELING-FS200 Datasheet
227Kb / 12P
The Fig 2 is the hall sensor location, where marks the IC number
FS209 FEELING-FS209 Datasheet
216Kb / 12P
The Fig 2 is the hall sensor location, where marks the IC number
logo
Mallory Sonalert Produc...
SC648NDR MSPI-SC648NDR Datasheet
53Kb / 1P
Voltage Rating 12 to 48 VDC
STA32264A MSPI-STA32264A Datasheet
99Kb / 1P
Voltage Rating 12 to 48 Vdc
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com