Electronic Components Datasheet Search
  English  ▼

X  

DR24D03. Datasheet(PDF) 1 Page - Crydom Inc.,

Part # DR24D03.
Description  Rating 3 Amps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR24D03. Datasheet(HTML) 1 Page - Crydom Inc.,

  DR24D03. Datasheet HTML 1Page - Crydom Inc., DR24D03. Datasheet HTML 2Page - Crydom Inc., DR24D03. Datasheet HTML 3Page - Crydom Inc., DR24D03. Datasheet HTML 4Page - Crydom Inc., DR24D03. Datasheet HTML 5Page - Crydom Inc., DR24D03. Datasheet HTML 6Page - Crydom Inc., DR24D03. Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SeriesOne DR Series
• Rating 3 Amps
• Load voltage ratings of 24-280VAC, 48-600VAC, 1-60VDC and 1-100VDC
• Fits standard 35mm DIN Rail
• LED input status indicator
• AC or DC control
• Zero-crossing (resistive loads) or random turn-on (inductive loads) output
• UL and cUL Listed, HP Rated, CE & RoHS Compliant
• UL 508 Endurance Rating for Enhanced Reliability
PRODUCT SELECTION
Description
280V, 3A
600V, 3A
60V, 3A
100V, 3A
4-32 VDC Control
DR24D03
DR48D03
DR06D03
DR10D03
90-140 VAC Control
DR24B03
200-265 VAC Control
DR24A03
18-36 VAC Control
DR24E03
AVAILABLE OPTIONS
OUTPUT SPECIFICATIONS (1)
Description
DR24x03
DR48x03
DR06D03
DR10D03
Operating Voltage (2)
24-280 Vrms
48-600 Vrms
1-60 VDC
1-100 VDC
Transient Overvoltage [Vpk]
600
1200
NA
NA
Maximum Load Current, resistive (2A)
3 Arms
3 Arms
3
3
Minimum Load Current
0.15
0.15 Arms
2.5 mA
2.5 mA
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.1
0.1
0.1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/µsec] (3)
500
500
NA
NA
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
0.6
0.6
Maximum Surge Current (50/60 Hz, 1 cycle) [Apk]
285/300
285/300
60
60
Maximum I²t for Fusing (50/60 HZ, 1/2 cycle) [A² sec]
410/375
410/375
NA
NA
HP Rating UL 508/IEC60947[HP (KW)] @ 240V
1/4 (0.18)
1/4 (0.18)
NA
NA
HP Rating UL 508/IEC60947[HP (KW)] @ 380V
1/2 (.37)
1/3 (.25)
NA
NA
HP Rating UL 508/IEC60947[HP (KW)] @ 480V
1/2 (.37)
1/2 (.37)
NA
NA
Minimum Power Factor (with Maximum Load)
0.5
0.5
NA
NA
Min/Max stranded wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Min/Max solid wire
22/14 AWG
22/14 AWG
22/14 AWG
22/14 AWG
Weight (typical)
1.76 oz. (50g)
1.76 oz. (50g)
1.76 oz. (50g)
1.76 oz. (50g)


Similar Part No. - DR24D03.

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
DR24D03 CRYDOM-DR24D03 Datasheet
950Kb / 7P
DIN Rail Mount
logo
Sensata Technologies, I...
DR24D03 SENSATA-DR24D03 Datasheet
336Kb / 6P
DIN RAIL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
DR24D03X CRYDOM-DR24D03X Datasheet
927Kb / 7P
DIN Rail Mount
DR24D03XR CRYDOM-DR24D03XR Datasheet
927Kb / 7P
DIN Rail Mount
DR24D03XR CRYDOM-DR24D03XR Datasheet
950Kb / 7P
DIN Rail Mount
More results

Similar Description - DR24D03.

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF1300 ONSEMI-MMDF1300 Datasheet
44Kb / 4P
Power MOSFET 3 Amps, 25 Volts
March, 2001 ??Rev. 1
logo
Vicor Corporation
02178 VICOR-02178 Datasheet
48Kb / 1P
FUSE 3 AMPS, 250 VOLTS
logo
ON Semiconductor
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
logo
List of Unclassifed Man...
NPPC052KFMS-RC ETC2-NPPC052KFMS-RC Datasheet
91Kb / 2P
3 amp current rating per contact
logo
E-SWITCH
ST750101 E-SWITCH-ST750101 Datasheet
119Kb / 1P
RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
logo
Accetek Electronics (Sh...
1MC ACCETEK-1MC Datasheet
285Kb / 5P
Saturation current rating up to 15.3 Amps
logo
Isabellenhütte Heu...
BVD ISABELLENHUETTE-BVD Datasheet
1Mb / 4P
3 W power rating
logo
Mallory Sonalert Produc...
SC307NDR MSPI-SC307NDR Datasheet
52Kb / 1P
Voltage Rating 3 to 7 VDC
SC307NR MSPI-SC307NR Datasheet
52Kb / 1P
Voltage Rating 3 to 7 VDC
logo
Amphenol Corporation
AT06-12SA AMPHENOL-AT06-12SA Datasheet
809Kb / 2P
CURRENT RATING: 13 AMPS OPERATING TEMPERATURE: -55째C TO 125째C
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com