Electronic Components Datasheet Search
  English  ▼

X  

GLC40 Datasheet(PDF) 2 Page - SL Power Electronics

Part # GLC40
Description  40 WATT GLOBAL PERFORMANCE LOW COST SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

GLC40 Datasheet(HTML) 2 Page - SL Power Electronics

  GLC40 Datasheet HTML 1Page - SL Power Electronics GLC40 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Commercial
Model
Output No.
Output
Output Minimum
Output Maximum
V 1 OVP Set
Noise P-P
Total
Regulation
GLC40AG
1
+ 5.1 V
1 A
3 A
+ 6.2 ± 0.6 V
50 mV
2%
2
+ 12 V
0 A
2 A
120 mV
6%
3
- 12 V
0 A
0.4 A
120 mV
5%
GLC40BG
1
+ 5.1 V
1 A
3 A
+ 6.2 ± 0.6 V
50 mV
2%
2
+ 15 V
0 A
1.5 A
150 mv
6%
3
- 15 V
0 A
0.4 A
150 mV
5%
GLC40DG
1
+5 V
1 A
3 A
+ 6.2 ± 0.6 V
50 mV
2%
2
+24 V
0 A
1 A
240 mV
6%
3
-12 V
0 A
0.4 A
120 mV
5%
GLC40-3.3G
1
3.3 V
0 A
8 A
4.2 ± 0.6 V
33 mV
2%
GLC40-5G
1
5 V
0 A
8 A
6.2 ± 0.6 V
50 mV
2%
GLC40-9G
1
9 V
0 A
4.4 A
11 ±0.9 V
90 mV
2%
GLC40-12G
1
12 V
0 A
3.3 A
14 ± 1.1 V
120 mV
2%
GLC40-13.8G
1
13.8 V
0 A
2.9 A
17.7 +/- 1.5 V
138 mV
2%
GLC40-15G
1
15 V
0 A
2.7 A
18.5 ± 1.5 V
150 mV
2%
GLC40-24G
1
24 V
0 A
1.7 A
28.5 ± 2.5 V
240 mV
2%
GLC40-28G
1
28 V
0 A
1.4 A
34 ± 2.8 V
280 mV
2%
SL Power Electronics, Inc. 6050 King Drive, Bldg. A, Ventura, CA, 93003, USA. Phone:(805) 486 4565 Fax:(805) 487 8911 Email: info@slpower.com . Rev. 10/09.
Data Sheet © 2009 SL Power Electronics, Inc. The information and specifications contained in this data sheet are believed to be correct at time of publication.
However, SL Power accepts no responsibility for consequences arising from reproduction errors or inaccuracies. Specifications are subject to change without notice.
GLC40 MECHANICAL SPECIFICATIONS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com