Electronic Components Datasheet Search
  English  ▼

X  

SR560 Datasheet(PDF) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # SR560
Description  Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

SR560 Datasheet(HTML) 1 Page - Gaomi Xinghe Electronics Co., Ltd.

  SR560 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. SR560 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359
1
星合电子
XINGHE ELECTRONICS


Similar Part No. - SR560

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR560 WTE-SR560 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR560 RECTRON-SR560 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
Bytes
SR560 BYTES-SR560 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR560 CHENYI-SR560 Datasheet
164Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR560 DCCOM-SR560 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR560

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MURS540 LUGUANG-MURS540 Datasheet
1Mb / 2P
Reverse Voltage - 400 Volts Forward Current - 5.0 Amperes
logo
Gaomi Xinghe Electronic...
SR520 GXELECTRONICS-SR520 Datasheet
373Kb / 2P
Reverse Voltage - 20 t 200 Volts Forward Current - 5.0 Amperes
SR530 GXELECTRONICS-SR530 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR540 GXELECTRONICS-SR540 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR550 GXELECTRONICS-SR550 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0 Amperes
SR5200 GXELECTRONICS-SR5200 Datasheet
373Kb / 2P
Reverse Voltage - 20 to 200 Volts Forward Current - 5.0Amperes
SRF1060 GXELECTRONICS-SRF1060 Datasheet
473Kb / 2P
SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.Amperes
logo
GOOD-ARK Electronics
SB520 GOOD-ARK-SB520_15 Datasheet
176Kb / 2P
Schottky Barrier Rectifiers Reverse Voltage 20 to 60 Volts Forward Current 5.0 Amperes
logo
First Silicon Co., Ltd
SB520 FS-SB520 Datasheet
321Kb / 2P
Reverse Voltage 20 to 100 Volts, Forward Current 5.0 Ampere
SM5150AF FS-SM5150AF Datasheet
215Kb / 3P
5A SCHOTTKY BARRIER RECTIFIER Reverse Voltage 150 to 200 Volts Forward Current 5.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com