Electronic Components Datasheet Search
  English  ▼

X  

PE9217 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9217
Description  Precision N Male to 7mm Sexless Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9217 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9217 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9217 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9217 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Precision N Male to 7mm Sexless Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
7mm Sexless
Impedance 2
50 Ohms
Adapter Design
Precision
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 18
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.04:1
Frequency 2
Frequency, GHz
1 to 6
VSWR
1.06:1
Frequency 3
Frequency, GHz
6 to 12
VSWR
1.09:1
Frequency 4
Frequency, GHz
12 to 18
VSWR
1.12:1
Mechanical Specifications
Temperature
Operating Range,deg C
-55 to +100
Size
Length, in [mm]
1.662 [42.21]
Width/Dia., in [mm]
0.87 [22.1]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
ASTM A380
Body Material and Plating
Passivated Stainless Steel
Precision N Male to 7mm Sexless Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Precision N Male to 7mm Sexless Adapter PE9217
PE9217
PE9217 REV


Similar Part No. - PE9217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
More results

Similar Description - PE9217

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
Precision 7mm Sexless to BNC Male Adapter
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
Precision 3.5mm Female to 7mm Sexless Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
Precision 3.5mm Male to 7mm Sexless Adapter
PE9356 PASTERNACK-PE9356 Datasheet
251Kb / 3P
Precision SSMA Female to 7mm Sexless Adapter
PE9509 PASTERNACK-PE9509 Datasheet
257Kb / 3P
Precision 7/16 DIN Male to 7mm Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com