Electronic Components Datasheet Search
  English  ▼

X  

PE9231 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9231
Description  50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9231 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9231 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9231 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
Configuration
Connector 1
BNC Female
Impedance 1
50 Ohms
Connector 2
SMB Jack
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.443 [11.25]
.
Weight, lbs [g]
1.27 [576.06]
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMB Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-jack-bnc-female-straight-adapter-pe9231-p.aspx
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9231
PE9231 REV


Similar Part No. - PE9231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
BNC FEMALE TO 75 OHM SMC JACK
More results

Similar Description - PE9231

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9229 PASTERNACK-PE9229 Datasheet
248Kb / 2P
75 Ohm SMB Jack to 50 Ohm BNC Male Adapter
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9619 PASTERNACK-PE9619 Datasheet
251Kb / 2P
75 Ohm Mini SMB Jack to BNC Female Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9015 PASTERNACK-PE9015 Datasheet
237Kb / 3P
50 Ohm BNC Jack to 75 Ohm RCA Jack Adapter
PE9248 PASTERNACK-PE9248 Datasheet
341Kb / 3P
75 Ohm SMB Jack to SMB Jack Adapter
logo
Huber+Suhner, Inc.
31_BNC-SMB-50-21--_U HUBERSUHNER-31_BNC-SMB-50-21--_U Datasheet
527Kb / 2P
COAXIAL ADAPTER, BNC - SMB, 50 Ohm, jack / jack (female / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com