Electronic Components Datasheet Search
  English  ▼

X  

PE9233 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9233
Description  BNC MALE TO 75 OHM SMC JACK
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9233 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9233 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
BNC FEMALE TO 75 OHM SMC JACK
More results

Similar Description - PE9233

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
PE9228 PASTERNACK-PE9228 Datasheet
244Kb / 2P
75 Ohm SMC Jack to SMC Jack Bulkhead Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9235 PASTERNACK-PE9235 Datasheet
77Kb / 1P
BNC FEMALE TO 75 OHM SMC JACK
PE9586 PASTERNACK-PE9586 Datasheet
252Kb / 2P
75 Ohm N Male to SMC Jack Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE33646LF PASTERNACK-PE33646LF Datasheet
108Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33586LF PASTERNACK-PE33586LF Datasheet
283Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE33646 PASTERNACK-PE33646 Datasheet
111Kb / 1P
CABLE ASSEMBLY PE-B150 75 OHM SMC PLUG TO 75 OHM BNC MALE
PE9227 PASTERNACK-PE9227 Datasheet
241Kb / 2P
75 Ohm SMC Jack to SMC Jack Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com