Electronic Components Datasheet Search
  English  ▼

X  

PE9236 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9236
Description  50 Ohm BNC Female to 75 Ohm SMC Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9236 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9236 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9236 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Ohm BNC Female to 75 Ohm SMC Plug Adapter
Configuration
Connector 1
BNC Female
Impedance 1
50 Ohms
Connector 2
SMC Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.2 [30.48]
Width/Dia., in [mm]
0.48 [12.19]
.
Connector 1
Type
BNC Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMC Plug
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-plug-bnc-female-straight-adapter-pe9236-p.aspx
50 Ohm BNC Female to 75 Ohm SMC Plug Adapter from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
50 Ohm BNC Female to 75 Ohm SMC Plug Adapter
PE9236
PE9236 REV


Similar Part No. - PE9236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
More results

Similar Description - PE9236

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9158 PASTERNACK-PE9158 Datasheet
244Kb / 3P
50 Ohm BNC Female to 75 Ohm RCA Plug Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
PE9589 PASTERNACK-PE9589 Datasheet
252Kb / 2P
75 Ohm N Female to SMC Plug Adapter
PE91044 PASTERNACK-PE91044 Datasheet
746Kb / 2P
75 Ohm SMC Jack to 50 Ohm BNC Female Adapter
PE9151 PASTERNACK-PE9151 Datasheet
243Kb / 3P
50 Ohm BNC Female to 75 Ohm F Male Adapter
PE9153 PASTERNACK-PE9153 Datasheet
233Kb / 2P
50 Ohm BNC Female to 75 Ohm F Female Adapter
PE9272 PASTERNACK-PE9272 Datasheet
233Kb / 3P
75 Ohm SMC Plug to SMC Plug Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com