Electronic Components Datasheet Search
  English  ▼

X  

PE9239 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9239
Description  N Male to C Female Right Angle Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9239 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9239 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9239 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Male to C Female Right Angle Adapter
Configuration
Connector 1
N Male
Impedance 1
50 Ohms
Connector 2
C Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Right Angle
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.3 [33.02]
Width/Dia., in [mm]
0.8 [20.32]
Height, in [mm]
1.187 [30.15]
.
Connector 1
Type
N Male
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
C Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-male-c-female-right-angle-adapter-pe9239-p.aspx
N Male to C Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Male to C Female Right Angle Adapter
PE9239
PE9239 REV


Similar Part No. - PE9239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9230 PASTERNACK-PE9230 Datasheet
252Kb / 3P
50 Ohm BNC Male to 75 Ohm SMB Plug Adapter
PE9231 PASTERNACK-PE9231 Datasheet
239Kb / 2P
50 Ohm BNC Female to 75 Ohm SMB Jack Adapter
PE9232 PASTERNACK-PE9232 Datasheet
240Kb / 2P
75 Ohm SMB Plug to 50 Ohm BNC Female Adapter
PE9233 PASTERNACK-PE9233 Datasheet
77Kb / 1P
BNC MALE TO 75 OHM SMC JACK
PE9234 PASTERNACK-PE9234 Datasheet
242Kb / 2P
50 Ohm BNC Male to 75 Ohm SMC Plug Adapter
More results

Similar Description - PE9239

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9086 PASTERNACK-PE9086 Datasheet
253Kb / 3P
N Male to N Female Right Angle Adapter
PE9124 PASTERNACK-PE9124 Datasheet
251Kb / 3P
N Male to C Female Adapter
PE9278 PASTERNACK-PE9278 Datasheet
241Kb / 2P
N Male to BNC Female Right Angle Adapter
PE9293 PASTERNACK-PE9293 Datasheet
235Kb / 2P
C Male to C Female Right Angle Adapter
PE9295 PASTERNACK-PE9295 Datasheet
246Kb / 2P
N Female to C Male Adapter
PE9550 PASTERNACK-PE9550 Datasheet
242Kb / 2P
N Male to TNC Female Right Angle Adapter
PE9566 PASTERNACK-PE9566 Datasheet
251Kb / 2P
N Female to BNC Male Right Angle Adapter
PE9293 PASTERNACK-PE9293 Datasheet
235Kb / 2P
C Male to C Female Right Angle Adapter
logo
Mini-Circuits
NF-NMR50 MINI-NF-NMR50 Datasheet
218Kb / 2P
Adapter Right Angle N-Female to N-Male
NF-NMR50-18 MINI-NF-NMR50-18 Datasheet
214Kb / 2P
Adapter Right Angle N-Female to N-Male
REV. OR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com