Electronic Components Datasheet Search
  English  ▼

X  

PE9247 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9247
Description  SMA Tee Adapter Male-Female-Male
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9247 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9247 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9247 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9247 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Tee Adapter Male-Female-Male
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
SMA Female
Impedance 2
50 Ohms
Connector 3
SMA Male
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Size
Length, in [mm]
1.102 [27.99]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.708 [17.98]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
SMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 3
Type
SMA Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
SMA Tee Adapter Male-Female-Male
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Tee Adapter Male-Female-Male PE9247
PE9247
PE9247 REV


Similar Part No. - PE9247

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9240 PASTERNACK-PE9240 Datasheet
254Kb / 3P
Bulkhead SMB Jack to BNC Female Adapter
PE9241 PASTERNACK-PE9241 Datasheet
240Kb / 2P
Bulkhead SMB Plug to BNC Female Adapter
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
PE9243 PASTERNACK-PE9243 Datasheet
76Kb / 1P
SMB TEE, JACK-PLUG-JACK
PE9244 PASTERNACK-PE9244 Datasheet
78Kb / 1P
75 OHM SMC TEE, JACK-PLUG-JACK
More results

Similar Description - PE9247

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9001 PASTERNACK-PE9001 Datasheet
246Kb / 3P
BNC Tee Adapter Female-Male-Female
PE9102 PASTERNACK-PE9102 Datasheet
252Kb / 3P
N Tee Adapter Female-Male-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9182 PASTERNACK-PE9182 Datasheet
251Kb / 3P
SMA Tee Adapter Female-Male-Female
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9379 PASTERNACK-PE9379 Datasheet
249Kb / 3P
SMA Tee Adapter Male-Male-Male
PE9481 PASTERNACK-PE9481 Datasheet
242Kb / 2P
N Tee Adapter Male-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9578 PASTERNACK-PE9578 Datasheet
251Kb / 3P
HN Tee Adapter Male-Female-Male
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com