Electronic Components Datasheet Search
  English  ▼

X  

AMS112 Datasheet(PDF) 4 Page - Advanced Monolithic Systems

Part # AMS112
Description  150mA LOW DROPOUT VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS112 Datasheet(HTML) 4 Page - Advanced Monolithic Systems

  AMS112 Datasheet HTML 1Page - Advanced Monolithic Systems AMS112 Datasheet HTML 2Page - Advanced Monolithic Systems AMS112 Datasheet HTML 3Page - Advanced Monolithic Systems AMS112 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
AMS112
TYPICAL PERFORMANCE CHARACTERISTICS
Line Transient Response
TIME (
µs)
C
L= 1000 pF
0
15
30
45
0
1
-5
0
5
10
0
10
20
0
300
200
100
Peak Output Current
30
INPUT VOLTAGE (V)
50
250
150
T
J = 85°C
T
J= 25°C
T
J = -40°C
0
40
80
0
0.6
0.4
0.2
Dropout Voltage
120
JUNCTION TEMPERATURE (° C)
0.1
0.5
0.3
I
O = 10mA
0
100
0
0.6
0.4
0.2
Dropout Voltage
200
OUTPUT CURRENT (mA)
0.1
0.5
0.3
-40
40
80
120
25
10
Quiescent Current
TEMPERATURE (° C)
15
2
0
0
0
50
100
0
30
20
10
Quiescent Current
150
OUTPUT CURRENT (mA)
5
25
15
-10
~
~
~
~
~
~
2
~
~
V
IN = 14V
20
3
1
Load Transient Response
TIME (
µs)
C
L= 0.22µF
0
15
30
45
50
100
-75
0
75
~
~
~
~
I
O = 50mA
I
O = 100mA
I
O = 60mA
I
O = 30mA
0.1
0.4
0.2
0.7
0
10
20
30
40
50
60
DROPOUT VOLTAGE (mV)
Quiescent Current
0
0.3
0.6
0.5
I
O= 0mA
45
55
70
60
85
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
Ripple Rejection
50
65
80
75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com