Electronic Components Datasheet Search
  English  ▼

X  

PE9253 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9253
Description  SMA Female to HN Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9253 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9253 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9253 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to HN Male Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
HN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.435 [36.45]
Width/Dia., in [mm]
0.9 [22.86]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
HN Male
Inner Conductor Material and Plating
Gold
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-female-hn-male-straight-adapter-pe9253-p.aspx
SMA Female to HN Male Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to HN Male Adapter
PE9253
PE9253 REV


Similar Part No. - PE9253

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9250 PASTERNACK-PE9250 Datasheet
75Kb / 1P
BNC FEMALE TO SSMA MALE
PE9251 PASTERNACK-PE9251 Datasheet
254Kb / 3P
SMA Female to TNC Female Bulkhead Adapter
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9254 PASTERNACK-PE9254 Datasheet
242Kb / 2P
SMA Male to HN Male Adapter
PE9255 PASTERNACK-PE9255 Datasheet
74Kb / 1P
HN FEMALE TO SMA FEMALE
More results

Similar Description - PE9253

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
HN Male to BNC Female Adapter
PE9181 PASTERNACK-PE9181 Datasheet
235Kb / 2P
LC Male to HN Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9254 PASTERNACK-PE9254 Datasheet
242Kb / 2P
SMA Male to HN Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com