Electronic Components Datasheet Search
  English  ▼

X  

PE9254 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9254
Description  SMA Male to HN Male Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9254 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9254 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9254 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Male to HN Male Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector 2
HN Male
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.71 [43.43]
Width/Dia., in [mm]
0.9 [22.86]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
HN Male
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/sma-male-hn-male-straight-adapter-pe9254-p.aspx
SMA Male to HN Male Adapter from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
SMA Male to HN Male Adapter
PE9254
PE9254 REV


Similar Part No. - PE9254

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9250 PASTERNACK-PE9250 Datasheet
75Kb / 1P
BNC FEMALE TO SSMA MALE
PE9251 PASTERNACK-PE9251 Datasheet
254Kb / 3P
SMA Female to TNC Female Bulkhead Adapter
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9253 PASTERNACK-PE9253 Datasheet
236Kb / 2P
SMA Female to HN Male Adapter
PE9255 PASTERNACK-PE9255 Datasheet
74Kb / 1P
HN FEMALE TO SMA FEMALE
More results

Similar Description - PE9254

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9210 PASTERNACK-PE9210 Datasheet
251Kb / 3P
HN Male to HN Male Adapter
PE9253 PASTERNACK-PE9253 Datasheet
236Kb / 2P
SMA Female to HN Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9554 PASTERNACK-PE9554 Datasheet
243Kb / 2P
N Male to HN Male Adapter
PE9563 PASTERNACK-PE9563 Datasheet
246Kb / 2P
TNC Male to HN Male Adapter
PE9567 PASTERNACK-PE9567 Datasheet
254Kb / 2P
HN Male to BNC Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9577 PASTERNACK-PE9577 Datasheet
257Kb / 3P
HN Male to HN Male Right Angle Adapter
PE9579 PASTERNACK-PE9579 Datasheet
254Kb / 2P
HN Male to C Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com