Electronic Components Datasheet Search
  English  ▼

X  

PE9260 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9260
Description  SMA Female to GR874 Sexless Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9260 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9260 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9260 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMA Female to GR874 Sexless Adapter
Configuration
Connector 1
SMA Female
Impedance 1
50 Ohms
Connector 2
GR874 Sexless
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.68 [42.67]
Width/Dia., in [mm]
0.81 [20.57]
.
Connector 1
Type
SMA Female
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
GR874 Sexless
Inner Conductor Material and Plating
Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/sma-female-gr874-sexless-straight-adapter-pe9260-p.aspx
SMA Female to GR874 Sexless Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMA Female to GR874 Sexless Adapter
PE9260
PE9260 REV


Similar Part No. - PE9260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
N Female to TNC Male Right Angle Adapter
PE9264 PASTERNACK-PE9264 Datasheet
234Kb / 2P
HN Male to MHV Female Adapter
More results

Similar Description - PE9260

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9222 PASTERNACK-PE9222 Datasheet
241Kb / 2P
GR874 Sexless to BNC Female Adapter
PE9257 PASTERNACK-PE9257 Datasheet
242Kb / 2P
N Male to GR874 Sexless Adapter
PE9386 PASTERNACK-PE9386 Datasheet
249Kb / 3P
HN Male to GR874 Sexless Adapter
PE9327 PASTERNACK-PE9327 Datasheet
253Kb / 2P
Precision 4 Hole Flange SMA Female to 7mm Sexless Adapter
PE9387 PASTERNACK-PE9387 Datasheet
250Kb / 3P
HN Female to GR874 Sexless Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9259 PASTERNACK-PE9259 Datasheet
231Kb / 2P
SMA Male to GR874 Sexless Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com