Electronic Components Datasheet Search
  English  ▼

X  

PE9265 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9265
Description  MHV Female to SHV Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9265 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9265 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9265 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
MHV Female to SHV Plug Adapter
Configuration
Connector 1
MHV Female
Connector 2
SHV Plug
Adapter Design
Standard
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.95 [49.53]
Width/Dia., in [mm]
0.57 [14.48]
.
Dielectric Type
PTFE
Connector 1
Type
MHV Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Connector 2
Type
SHV Plug
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/mhv-female-shv-plug-straight-adapter-pe9265-p.aspx
MHV Female to SHV Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
MHV Female to SHV Plug Adapter
PE9265
PE9265 REV


Similar Part No. - PE9265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9260 PASTERNACK-PE9260 Datasheet
244Kb / 2P
SMA Female to GR874 Sexless Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9263 PASTERNACK-PE9263 Datasheet
251Kb / 3P
N Female to TNC Male Right Angle Adapter
More results

Similar Description - PE9265

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9264 PASTERNACK-PE9264 Datasheet
234Kb / 2P
HN Male to MHV Female Adapter
PE9266 PASTERNACK-PE9266 Datasheet
237Kb / 2P
MHV Male to MHV Female Right Angle Adapter
PE9267 PASTERNACK-PE9267 Datasheet
251Kb / 3P
MHV Female to MHV Female Adapter
PE9268 PASTERNACK-PE9268 Datasheet
239Kb / 2P
Bulkhead Hermetically Sealed MHV Female to MHV Female Adapter
PE9335 PASTERNACK-PE9335 Datasheet
232Kb / 2P
MHV Male to SHV Jack Adapter
PE9338 PASTERNACK-PE9338 Datasheet
236Kb / 2P
SHV Plug to SHV Jack Right Angle Adapter
PE9339 PASTERNACK-PE9339 Datasheet
238Kb / 2P
MHV Female to SHV Jack Adapter
PE9340 PASTERNACK-PE9340 Datasheet
244Kb / 2P
MHV Male to SHV Plug Adapter
PE9406 PASTERNACK-PE9406 Datasheet
241Kb / 2P
BNC Male to MHV Female Adapter
PE9749 PASTERNACK-PE9749 Datasheet
239Kb / 2P
SHV Plug to SHV Jack Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com