Electronic Components Datasheet Search
  English  ▼

X  

PE9271 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9271
Description  75 Ohm SMB Plug to SMB Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9271 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9271 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9271 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Plug to SMB Plug Adapter
Configuration
Connector 1
SMB Plug
Impedance 1
75 Ohms
Connector 2
SMB Plug
Impedance 2
75 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.872 [22.15]
Width/Dia., in [mm]
0.362 [9.19]
.
Connector 1
Type
SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smb-plug-smb-plug-straight-adapter-pe9271-p.aspx
75 Ohm SMB Plug to SMB Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
75 Ohm SMB Plug to SMB Plug Adapter
PE9271
PE9271 REV


Similar Part No. - PE9271

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
More results

Similar Description - PE9271

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9584 PASTERNACK-PE9584 Datasheet
251Kb / 2P
75 Ohm N Male to SMB Plug Adapter
PE9585 PASTERNACK-PE9585 Datasheet
252Kb / 2P
75 Ohm N Female to SMB Plug Adapter
PE9609 PASTERNACK-PE9609 Datasheet
79Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB PLUG
PE9610 PASTERNACK-PE9610 Datasheet
78Kb / 1P
MINI 75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE3112 PASTERNACK-PE3112 Datasheet
118Kb / 1P
CABLE ASSEMBLY PE-8150 75 OHM SMB PLUG TO 75 OHM SMB PLUG
PE3100 PASTERNACK-PE3100 Datasheet
114Kb / 1P
CABLE ASSEMBLY RG179B/U 75 OHM SMB PLUG TO OHM SMB PLUG
PE9735 PASTERNACK-PE9735 Datasheet
107Kb / 1P
75 OHM SMB JACK TO MINI 75 OHM SMB PLUG
PE9736 PASTERNACK-PE9736 Datasheet
106Kb / 1P
75 OHM SMB PLUG TO MINI 75 OHM SMB JACK
PE9271 PASTERNACK-PE9271 Datasheet
240Kb / 2P
75 Ohm SMB Plug to SMB Plug Adapter
PE3C0471 PASTERNACK-PE3C0471 Datasheet
332Kb / 3P
75 Ohm SMB Plug Right Angle to 75 Ohm SMB Jack
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com