Electronic Components Datasheet Search
  English  ▼

X  

PE9273 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9273
Description  SMA Male to SMA Male Radius Right Angle Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9273 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9273 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9273 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9273 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to SMA Male Radius Right Angle Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
SMA Male
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Radius Right Angle
Electrical Specifications
Frequency Range, GHz
DC to 18
Maximum VSWR
1.25:1
Mechanical Specifications
Size
Length, in [mm]
0.73 [18.54]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.73 [18.54]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 1
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
SMA Male to SMA Male Radius Right Angle Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Male Radius Right Angle Adapter PE9273
PE9273
PE9273 REV


Similar Part No. - PE9273

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9273 PASTERNACK-PE9273 Datasheet
251Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter
More results

Similar Description - PE9273

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9418 PASTERNACK-PE9418 Datasheet
249Kb / 3P
SMA Male to SMA Male Right Angle Adapter
PE9262 PASTERNACK-PE9262 Datasheet
251Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter
PE9273 PASTERNACK-PE9273 Datasheet
251Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter
PE9641 PASTERNACK-PE9641 Datasheet
252Kb / 3P
Precision SMA Male to SMA Female Radius Right Angle Adapter
logo
List of Unclassifed Man...
5065 ETC2-5065 Datasheet
172Kb / 1P
SMA MALE TO SMA MALE RADIUS RIGHT ANGLE ADAPTER
5490 ETC2-5490 Datasheet
161Kb / 1P
SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
Pasternack Enterprises,...
PE91154 PASTERNACK-PE91154 Datasheet
374Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter Gold Plated
PE91155 PASTERNACK-PE91155 Datasheet
375Kb / 3P
SMA Male to SMA Female Radius Right Angle Adapter Gold Plated
PE91327 PASTERNACK-PE91327 Datasheet
344Kb / 3P
SMA Male to SMA Male Radius Right Angle Adapter MIL-STD-202
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com