Electronic Components Datasheet Search
  English  ▼

X  

AMS26 Datasheet(PDF) 1 Page - Advanced Monolithic Systems

Part # AMS26
Description  VOLTAGE DETECTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems

AMS26 Datasheet(HTML) 1 Page - Advanced Monolithic Systems

  AMS26 Datasheet HTML 1Page - Advanced Monolithic Systems AMS26 Datasheet HTML 2Page - Advanced Monolithic Systems AMS26 Datasheet HTML 3Page - Advanced Monolithic Systems AMS26 Datasheet HTML 4Page - Advanced Monolithic Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Monolithic Systems, Inc. 6680B Sierra Lane, Dublin, CA 94568 Phone (925) 556-9090 Fax (925) 556-9140
Advanced
AMS26
Monolithic
VOLTAGE DETECTOR
Systems
FEATURES
APPLICATIONS
•• Very Low Supply Current
•• CPU and Logic Circuit Reset
•• Wide Operating Voltage Range
•• Portable and Battery Powered Equipment
•• 2% Precision Voltage Detection
•• Memory Battery Back-Up Circuit
•• Detection Threshold from 2V to 6V in 0.1V increments
•• Window Comparator
•• 5mA Sink Current Capability
•• Cellular Phones
•• 5% Typical Hysteresis
•• Pagers
GENERAL DESCRIPTION
The AMS26 series are voltage detector ICs featuring a high accuracy detector threshold of
±2.0% and ultra-low supply
current. Internal circuit contains a precision voltage reference, a comparator, resistor network, and an output driver. The
AMS26 has an N-channel open drain output.
The detector threshold is set from 2.0V to 6.0V in 0.1V increments, thus making it easy to use in a variety of supervisory
applications including microprocessor reset circuits, memory battery back-up circuit, battery checker, power failure detector
and portable and battery powered electronics.
AMS26 is available in TO-92 and the sub-miniature 3-pin SOT-23 surface mount package.
ORDERING INFORMATION
OUTPUT
PACKAGE TYPE
OPERATING
TYPE
TO-92
3 LEAD SOT-23
TEMPERATURE RANGE
OPEN DRAIN
AMS26N-XA
AMS26M-XA
-30 to +80
° C
X= Detector Threshold Setting.
PIN CONNECTIONS
TO-92
3L SOT-23
Plastic Package (N)
(M)
1
2
3
VOUT
VDD
GND
V
OUT
GND
V
DD
Bottom View
Top View


Similar Part No. - AMS26

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS26 ADMOS-AMS26 Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS264 ADMOS-AMS264 Datasheet
22Kb / 3P
PNP SILICON HIGH FREQUENCY TRANSISTOR
AMS26M-XA ADMOS-AMS26M-XA Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS26N-XA ADMOS-AMS26N-XA Datasheet
168Kb / 4P
VOLTAGE DETECTOR
AMS26 ADMOS-AMS26_07 Datasheet
168Kb / 4P
VOLTAGE DETECTOR
More results

Similar Description - AMS26

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com