Electronic Components Datasheet Search
  English  ▼

X  

PE9282 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9282
Description  SMC Jack to SMB Plug Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9282 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9282 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9282 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SMC Jack to SMB Plug Adapter
Configuration
Connector 1
SMC Jack
Impedance 1
50 Ohms
Connector 2
SMB Plug
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
0.66 [16.76]
Width/Dia., in [mm]
0.25 [6.35]
.
Connector 1
Type
SMC Jack
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
SMB Plug
Inner Conductor Material and Plating
Gold
Inner Conductor Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/smc-jack-smb-plug-straight-adapter-pe9282-p.aspx
SMC Jack to SMB Plug Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
SMC Jack to SMB Plug Adapter
PE9282
PE9282 REV


Similar Part No. - PE9282

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9280 PASTERNACK-PE9280 Datasheet
78Kb / 1P
BNC TWIN-AX JACK TO JACK BULKHEAD FEEDTHRU
PE9281 PASTERNACK-PE9281 Datasheet
238Kb / 2P
SMC Plug to SMB Plug Adapter
PE9283 PASTERNACK-PE9283 Datasheet
239Kb / 2P
SMC Jack to SMB Jack Adapter
PE9284 PASTERNACK-PE9284 Datasheet
240Kb / 3P
SMC Plug to SMB Jack Adapter
PE9285 PASTERNACK-PE9285 Datasheet
103Kb / 1P
GR874 T
More results

Similar Description - PE9282

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9116 PASTERNACK-PE9116 Datasheet
232Kb / 2P
SMB Jack to SMB Jack Adapter
PE9121 PASTERNACK-PE9121 Datasheet
254Kb / 3P
SMC Jack to SMC Jack Bulkhead Adapter
PE9281 PASTERNACK-PE9281 Datasheet
238Kb / 2P
SMC Plug to SMB Plug Adapter
PE9283 PASTERNACK-PE9283 Datasheet
239Kb / 2P
SMC Jack to SMB Jack Adapter
PE9284 PASTERNACK-PE9284 Datasheet
240Kb / 3P
SMC Plug to SMB Jack Adapter
PE9303 PASTERNACK-PE9303 Datasheet
249Kb / 3P
SMC Plug to SMC Jack Right Angle Adapter
logo
Amphenol Corporation
242144 AMPHENOL-242144 Datasheet
51Kb / 1P
SMA PLUG TO SMB JACK ADAPTER
logo
Pasternack Enterprises,...
PE9242 PASTERNACK-PE9242 Datasheet
400Kb / 5P
SMC Tee Adapter Jack-Plug-Jack
logo
Linx Technologies
ADP-SMAF-SMBM-G LINX-ADP-SMAF-SMBM-G Datasheet
906Kb / 4P
SMA Jack to SMB Plug Adapter
2020
ADP-SMAM-SMBF-G LINX-ADP-SMAM-SMBF-G Datasheet
901Kb / 4P
SMA Plug to SMB Jack Adapter
2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com