Electronic Components Datasheet Search
  English  ▼

X  

PE9293 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9293
Description  C Male to C Female Right Angle Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9293 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9293 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9293 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
C Male to C Female Right Angle Adapter
Configuration
Connector 1
C Male
Impedance 1
50 Ohms
Connector 2
C Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Right Angle
Mechanical Specifications
Size
Length, in [mm]
0.76 [19.3]
Width/Dia., in [mm]
1.28 [32.51]
.
Weight, lbs [g]
1.3 [589.67]
Connector 1
Type
C Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
C Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/c-male-c-female-right-angle-adapter-pe9293-p.aspx
C Male to C Female Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
C Male to C Female Right Angle Adapter
PE9293
PE9293 REV


Similar Part No. - PE9293

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9293 PASTERNACK-PE9293 Datasheet
235Kb / 2P
C Male to C Female Right Angle Adapter
More results

Similar Description - PE9293

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9087 PASTERNACK-PE9087 Datasheet
253Kb / 3P
BNC Female to C Male Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9208 PASTERNACK-PE9208 Datasheet
245Kb / 2P
C Female to C Female Adapter
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
HN Female to C Male Adapter
PE9239 PASTERNACK-PE9239 Datasheet
240Kb / 2P
N Male to C Female Right Angle Adapter
PE9296 PASTERNACK-PE9296 Datasheet
235Kb / 2P
HN Male to C Female Adapter
PE9564 PASTERNACK-PE9564 Datasheet
254Kb / 2P
TNC Female to C Male Adapter
PE9109 PASTERNACK-PE9109 Datasheet
235Kb / 2P
BNC Male to C Female Adapter
PE9293 PASTERNACK-PE9293 Datasheet
235Kb / 2P
C Male to C Female Right Angle Adapter
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com