Electronic Components Datasheet Search
  English  ▼

X  

PE9296 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9296
Description  HN Male to C Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9296 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9296 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9296 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
HN Male to C Female Adapter
Configuration
Connector 1
HN Male
Impedance 1
50 Ohms
Connector 2
C Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.61 [40.89]
Width/Dia., in [mm]
0.9 [22.86]
.
Connector 1
Type
HN Male
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
C Female
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/hn-male-c-female-straight-adapter-pe9296-p.aspx
HN Male to C Female Adapter from Pasternack Enterprises has same day shipment for domestic and International orders.
Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
HN Male to C Female Adapter
PE9296
PE9296 REV


Similar Part No. - PE9296

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
More results

Similar Description - PE9296

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9125 PASTERNACK-PE9125 Datasheet
253Kb / 3P
N Male to HN Female Adapter
PE9126 PASTERNACK-PE9126 Datasheet
253Kb / 3P
HN Male to BNC Female Adapter
PE9194 PASTERNACK-PE9194 Datasheet
253Kb / 3P
N Female to HN Male Adapter
PE9205 PASTERNACK-PE9205 Datasheet
252Kb / 3P
HN Male to HN Female Right Angle Adapter
PE9212 PASTERNACK-PE9212 Datasheet
235Kb / 2P
HN Female to C Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
PE9413 PASTERNACK-PE9413 Datasheet
241Kb / 2P
LC Female to HN Male Adapter
PE9576 PASTERNACK-PE9576 Datasheet
241Kb / 2P
HN Male to HN Female Adapter
PE9579 PASTERNACK-PE9579 Datasheet
254Kb / 2P
HN Male to C Male Adapter
PE9256 PASTERNACK-PE9256 Datasheet
242Kb / 2P
SMA Male to HN Female Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com