Electronic Components Datasheet Search
  English  ▼

X  

PE9377 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9377
Description  BNC Twinax Plug to BNC Twinax Jack Right Angle Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9377 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9377 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9377 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
BNC Twinax Plug to BNC Twinax Jack Right Angle Adapter
Configuration
Connector 1
BNC Twinax Plug
Impedance 1
78 Ohms
Connector 2
BNC Twinax Jack
Impedance 2
78 Ohms
Adapter Design
Standard
Body Style
Right Angle
Mechanical Specifications
Size
Length, in [mm]
1.02 [25.91]
Width/Dia., in [mm]
0.57 [14.48]
Height, in [mm]
0.89 [22.61]
.
Connector 1
Type
BNC Twinax Plug
Inner Conductor Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Connector 2
Type
BNC Twinax Jack
Inner Conductor Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/bnc-twinax-plug-bnc-twinax-jack-right-angle-adapter-pe9377-p.aspx
BNC Twinax Plug to BNC Twinax Jack Right Angle Adapter from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
BNC Twinax Plug to BNC Twinax Jack Right Angle Adapter
PE9377
PE9377 REV


Similar Part No. - PE9377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9370 PASTERNACK-PE9370 Datasheet
245Kb / 2P
75 Ohm N Male to BNC Male Adapter
PE9371 PASTERNACK-PE9371 Datasheet
238Kb / 2P
75 Ohm N Female to BNC Female Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9372 PASTERNACK-PE9372 Datasheet
253Kb / 3P
TNC Female to UHF Male Adapter
PE9373 PASTERNACK-PE9373 Datasheet
250Kb / 2P
Bulkhead 3/4 inch-20 Female to 3/4 inch-20 Female Adapter
More results

Similar Description - PE9377

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9375 PASTERNACK-PE9375 Datasheet
258Kb / 3P
BNC Twinax Tee Adapter Jack-Plug-Jack
PE9376 PASTERNACK-PE9376 Datasheet
248Kb / 2P
BNC Twinax Plug to BNC Twinax Plug Adapter
PE9378 PASTERNACK-PE9378 Datasheet
356Kb / 4P
BNC Twinax Jack to BNC Twinax Jack Adapter
PE3480-18 PASTERNACK-PE3480-18 Datasheet
645Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-60 PASTERNACK-PE3480-60 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-90 PASTERNACK-PE3480-90 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-120 PASTERNACK-PE3480-120 Datasheet
645Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-300 PASTERNACK-PE3480-300 Datasheet
646Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-600 PASTERNACK-PE3480-600 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
PE3480-900 PASTERNACK-PE3480-900 Datasheet
647Kb / 4P
BNC Twinax Plug to BNC Twinax Plug Cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com