Electronic Components Datasheet Search
  English  ▼

X  

PE9294 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9294
Description  C Tee Adapter Female-Female-Female
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9294 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9294 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9294 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9294 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Tee Adapter Female-Female-Female
Configuration
Connector 1
C Female
Impedance 1
50 Ohms
Connector 2
C Female
Impedance 2
50 Ohms
Connector 3
C Female
Adapter Design
Standard
Body Style
Tee
Mechanical Specifications
Temperature
Operating Range,deg C
-65 to +165
Size
Length, in [mm]
1.536 [39.01]
Width/Dia., in [mm]
0.538 [13.67]
Height, in [mm]
1.142 [29.01]
.
Connector 1
Type
C Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
C Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 3
Type
C Female
Inner Conductor Material and Plating
Silver
Inner Conductor Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
C Tee Adapter Female-Female-Female
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Tee Adapter Female-Female-Female PE9294
PE9294
PE9294 REV


Similar Part No. - PE9294

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9290 PASTERNACK-PE9290 Datasheet
248Kb / 3P
TNC Tee Adapter Male-Female-Female
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9291 PASTERNACK-PE9291 Datasheet
237Kb / 2P
TNC Male to UHF Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
PE9292 PASTERNACK-PE9292 Datasheet
232Kb / 2P
N Female to SC Female Adapter
More results

Similar Description - PE9294

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9003 PASTERNACK-PE9003 Datasheet
244Kb / 3P
BNC Tee Adapter Female-Female-Female
PE9101 PASTERNACK-PE9101 Datasheet
254Kb / 3P
N Tee Adapter Female-Female-Female
PE9174 PASTERNACK-PE9174 Datasheet
248Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9207 PASTERNACK-PE9207 Datasheet
244Kb / 3P
C Tee Adapter Female-Male-Female
PE9246 PASTERNACK-PE9246 Datasheet
249Kb / 3P
SMA Tee Adapter Female-Female-Female
PE9289 PASTERNACK-PE9289 Datasheet
237Kb / 2P
TNC Tee Adapter Female-Female-Female
PE9484 PASTERNACK-PE9484 Datasheet
253Kb / 3P
BNC Tee Adapter Male-Female-Female
PE9574 PASTERNACK-PE9574 Datasheet
242Kb / 2P
HN Tee Adapter Female-Female-Female
PE9289 PASTERNACK-PE9289 Datasheet
237Kb / 2P
TNC Tee Adapter Female-Female-Female
PE91381 PASTERNACK-PE91381 Datasheet
347Kb / 3P
TNC Tee Adapter Female-Female-Female
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com