Electronic Components Datasheet Search
  English  ▼

X  

PE9384 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9384
Description  SMA Male to TNC Female 4 Hole Flange Adapter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9384 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9384 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9384 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9384 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male to TNC Female 4 Hole Flange Adapter
Configuration
Connector 1
SMA Male
Impedance 1
50 Ohms
Connector Specification 1
MIL-STD-348
Connector 2
TNC Female
Impedance 2
50 Ohms
Connector Specification 2
MIL-STD-348
Adapter Design
Standard
Body Style
Straight
Mount Method
4 Hole Flange
Mechanical Specifications
Size
Length, in [mm]
1.017 [25.83]
Width/Dia., in [mm]
0.687 [17.45]
Height, in [mm]
0.687 [17.45]
.
Connector 1
Type
SMA Male
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
QQ-P-35
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
Connector 2
Type
TNC Female
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
MIL-G-45204, Type II, Class 2
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
QQ-P-35
Dielectric Type
Teflon
SMA Male to TNC Female 4 Hole Flange Adapter
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to TNC Female 4 Hole Flange Adapter PE9384
PE9384
PE9384 REV


Similar Part No. - PE9384

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9385 PASTERNACK-PE9385 Datasheet
240Kb / 2P
N Female to UHF Female Adapter
More results

Similar Description - PE9384

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4293 POMONA-4293 Datasheet
21Kb / 1P
Adapter, SMA Female To TNC Male
logo
Pasternack Enterprises,...
PE9078 PASTERNACK-PE9078 Datasheet
252Kb / 3P
SMA Male to TNC Female Adapter
PE9275 PASTERNACK-PE9275 Datasheet
242Kb / 2P
4 Hole Flange SMA Female to N Male Adapter
PE9288 PASTERNACK-PE9288 Datasheet
255Kb / 3P
TNC Female to TNC Female 4 Hole Flange Adapter
PE9312 PASTERNACK-PE9312 Datasheet
257Kb / 3P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9552 PASTERNACK-PE9552 Datasheet
248Kb / 2P
N Female to TNC Female 4 Hole Flange Adapter
PE9077 PASTERNACK-PE9077 Datasheet
254Kb / 3P
SMA Female to TNC Male Adapter
PE9276 PASTERNACK-PE9276 Datasheet
349Kb / 3P
SMA Female to TNC Female 4 Hole Flange Adapter
PE9670 PASTERNACK-PE9670 Datasheet
375Kb / 4P
SMA Female to SMA Female 4 Hole Flange Adapter
PE9671 PASTERNACK-PE9671 Datasheet
388Kb / 4P
SMA Male to SMA Female 4 Hole Flange Mount Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com