Electronic Components Datasheet Search
  English  ▼

X  

PE9385 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9385
Description  N Female to UHF Female Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9385 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9385 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9385 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
N Female to UHF Female Adapter
Configuration
Connector 1
N Female
Impedance 1
50 Ohms
Connector 2
UHF Female
Impedance 2
50 Ohms
Adapter Design
Standard
Body Style
Straight
Mechanical Specifications
Size
Length, in [mm]
1.132 [28.75]
Width/Dia., in [mm]
0.625 [15.88]
.
Connector 1
Type
N Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Connector 2
Type
UHF Female
Inner Conductor Material and Plating
Brass, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/n-female-uhf-female-straight-adapter-pe9385-p.aspx
N Female to UHF Female Adapter from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
N Female to UHF Female Adapter
PE9385
PE9385 REV


Similar Part No. - PE9385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9380 PASTERNACK-PE9380 Datasheet
251Kb / 3P
SMA Female to SMA Female Adapter With Knurl
PE9381 PASTERNACK-PE9381 Datasheet
258Kb / 3P
SMA Male to SMA Female 45 Degree Right Adapter
PE9382 PASTERNACK-PE9382 Datasheet
269Kb / 3P
Bulkhead Isolated Ground N Female to N Female Adapter
PE9383 PASTERNACK-PE9383 Datasheet
253Kb / 2P
Hermetically Sealed N Female to N Female Bulkhead Adapter For 1 inch Max. Panel
PE9384 PASTERNACK-PE9384 Datasheet
267Kb / 3P
SMA Male to TNC Female 4 Hole Flange Adapter
More results

Similar Description - PE9385

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9064 PASTERNACK-PE9064 Datasheet
251Kb / 3P
N Male to Mini UHF Female Adapter
PE9094 PASTERNACK-PE9094 Datasheet
243Kb / 3P
UHF Female to UHF Female Adapter
PE9111 PASTERNACK-PE9111 Datasheet
253Kb / 3P
N Male to UHF Female Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
PE9114 PASTERNACK-PE9114 Datasheet
249Kb / 3P
UHF Female to UHF Female Bulkhead Adapter
PE9183 PASTERNACK-PE9183 Datasheet
244Kb / 3P
N Female to Mini UHF Male Adapter
PE9343 PASTERNACK-PE9343 Datasheet
241Kb / 2P
Mini UHF Female to Mini UHF Female Adapter
PE9421 PASTERNACK-PE9421 Datasheet
241Kb / 2P
UHF Female to BNC Female Adapter
PE9112 PASTERNACK-PE9112 Datasheet
246Kb / 3P
N Female to UHF Male Adapter
logo
Pulse A Technitrol Comp...
NMOTEST1 PULSE-NMOTEST1 Datasheet
687Kb / 4P
NMO to UHF Female adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com